Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0805CS-070XJL Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0805CS-070XJL
Description  Chip Inductors ??0805CS (2012)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0805CS-070XJL Datasheet(HTML) 2 Page - Coilcraft lnc.

  0805CS-070XJL Datasheet HTML 1Page - Coilcraft lnc. 0805CS-070XJL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
0805CS Series (2012)
Document 100-2
Typical Q vs Frequency
Typical L vs Frequency
J
H
A
B
overall
F
G
E
terminal
F
C
D
Terminal wraparound:
approx 0.015/0,38 both ends
Recommended
Land Pattern
I
I
Pick and
place
material
1
10
100
1000
10
100
1000
Frequency (MHz)
220 nH
100 nH
39 nH
15 nH
3.3 nH
12 nH
6.8 nH
3.3 nH
22 nH
39 nH
68 nH
120 nH
270 nH
10
100
Frequency (MHz)
1000
10,000
100
90
80
70
60
50
40
30
20
10
0
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Irms Derating
Designer’s Kit C303contains10ofeach5%part
Designer’s Kit C303-2contains10ofeach2%part
Core material Ceramic
Environmental RoHScompliant,halogenfreeoptional
Terminations RoHScompliantsilver-palladium-platinum-glassfrit.
Otherterminationsavailableatadditionalcost.
Weight 10.2–11.6mg
Ambient temperature –40°Cto+125°CwithIrmscurrent,+125°Cto
+140°Cwithderatedcurrent
Storage temperature Component:–40°Cto+140°C.
Tapeandreelpackaging:–40°Cto+80°C
Resistance to soldering heat Maxthree40secondreflowsat
+260°C,partscooledtoroomtemperaturebetweencycles
Temperature Coefficient of Inductance (TCL) +100to+250ppm/°C
Moisture Sensitivity Level (MSL) 1(unlimitedfloorlifeat<30°C/
85%relativehumidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
Oneperbillionhours/onebillionhours,calculatedperTelcordiaSR-332
Packaging 2000/7
″reel;7500/13″reel. Plastictape: 8mmwide,
0.23mmthick,4mmpocketspacing,1.65mmpocketdepth
PCB washing Testedwithpurewateroralcoholonly.Forothersolvents,
seeDoc787_PCB_Washing.pdf
Document 100-2 Revised 01/11/12
A
B
C
D
max max
max
ref
E
F
G
H
I
J
0.090 0.068 0.060
0.020 0.050 0.020 0.040 0.070 0.040 0.030 inches
2,29
1,73
1,52
0,51
1,27
0,51
1,02
1,78 1,02
0,76 mm
Note: Heightdimension(C)isbeforeoptionalsolderapplication.Formaximum
heightdimensionincludingsolder,add0.006in/0,152mm.


Similar Part No. - 0805CS-070XJL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0805CS-070XJL COILCRAFT-0805CS-070XJL Datasheet
221Kb / 2P
   Chip Inductors
0805CS-070XJL COILCRAFT-0805CS-070XJL Datasheet
200Kb / 2P
   Chip Inductors
0805CS-070XJL COILCRAFT-0805CS-070XJL Datasheet
255Kb / 2P
   Chip Inductors ??0805CS (2012)
0805CS-070XJL COILCRAFT-0805CS-070XJL Datasheet
107Kb / 2P
   Chip Inductors ??0805CS
0805CS-070XJLB COILCRAFT-0805CS-070XJLB Datasheet
107Kb / 2P
   Chip Inductors
More results

Similar Description - 0805CS-070XJL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0603CS-47NXJLW COILCRAFT-0603CS-47NXJLW Datasheet
160Kb / 2P
   Chip Inductors ??0805CS (2012)
0805CS-101XGLC COILCRAFT-0805CS-101XGLC Datasheet
160Kb / 2P
   Chip Inductors - 0805CS (2012)
0805CS-101XJBC COILCRAFT-0805CS-101XJBC Datasheet
160Kb / 2P
   Chip Inductors - 0805CS (2012)
0805CS-471XJBC COILCRAFT-0805CS-471XJBC Datasheet
160Kb / 2P
   Chip Inductors - 0805CS (2012)
0805CS-391XGLC COILCRAFT-0805CS-391XGLC Datasheet
160Kb / 2P
   Chip Inductors - 0805CS (2012)
0805CS-820XJLB COILCRAFT-0805CS-820XJLB Datasheet
255Kb / 2P
   Chip Inductors ??0805CS (2012)
0805CS-120XJLC COILCRAFT-0805CS-120XJLC Datasheet
107Kb / 2P
   Chip Inductors ??0805CS
0805LS-102XJLC COILCRAFT-0805LS-102XJLC Datasheet
141Kb / 2P
   Chip Inductors - 0805LS (2012)
0805LS-152XJLC COILCRAFT-0805LS-152XJLC Datasheet
95Kb / 2P
   Chip Inductors - 0805LS (2012)
0805HT-22NTJLC COILCRAFT-0805HT-22NTJLC Datasheet
148Kb / 2P
   Chip Inductors - 0805HT (2012)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com