Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL-509RGBC2E-002 Datasheet(PDF) 10 Page - Lucky Light Electronic

Part # LL-509RGBC2E-002
Description  5mm Standard T-1 3/4 Type Full Color With Common Cathode LED Technical Data Sheet
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-509RGBC2E-002 Datasheet(HTML) 10 Page - Lucky Light Electronic

Back Button LL-509RGBC2E-002 Datasheet HTML 2Page - Lucky Light Electronic LL-509RGBC2E-002 Datasheet HTML 3Page - Lucky Light Electronic LL-509RGBC2E-002 Datasheet HTML 4Page - Lucky Light Electronic LL-509RGBC2E-002 Datasheet HTML 5Page - Lucky Light Electronic LL-509RGBC2E-002 Datasheet HTML 6Page - Lucky Light Electronic LL-509RGBC2E-002 Datasheet HTML 7Page - Lucky Light Electronic LL-509RGBC2E-002 Datasheet HTML 8Page - Lucky Light Electronic LL-509RGBC2E-002 Datasheet HTML 9Page - Lucky Light Electronic LL-509RGBC2E-002 Datasheet HTML 10Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Luckylight
Spec No.: B508 X360
Rev No.: V.2
Date: Dec./25/2005
Page: 10 OF 10
Approved: ZHOU
Checked: Wu
Drawn: Shu
Lucky Light Electronics Co., Ltd.
http://www.luckylightled.com
Please read the following notes before using the product:
1. Over-current-proof
Customer must apply resistors for protection, otherwise slight voltage shift will cause big
current change (Burn out will happen).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 The LEDs should be used within a year.
2.4 After opening the package, the LEDs should be kept at 30℃ or less and 70%RH or less.
2.5 The LEDs should be used within 168 hours (7 days) after opening the package.
3. Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 260℃ for 5 seconds
within once in less than the soldering iron capacity 25W. Leave two seconds and more
intervals, and do soldering of each terminal. Be careful because the damage of the product is
often started at the time of the hand solder.
4. Repairing
Repair should not be done after the LEDs have been soldered. When repairing is unavoidable,
a double-head soldering iron should be used. It should be confirmed beforehand whether the
characteristics of the LEDs will or will not be damaged by repairing.
5. Caution in ESD
Static Electricity and surge damages the LED. It is recommended to use a wrist band or
anti-electrostatic glove when handling the LED. All devices equipment and machinery must be
properly grounded.


Similar Part No. - LL-509RGBC2E-002

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-509RGBC2E-004 LUCKY-LIGHT-LL-509RGBC2E-004 Datasheet
195Kb / 10P
   5mm Standard T-1 3/4 Type Full Color With Common Anode LED Technical Data Sheet
More results

Similar Description - LL-509RGBC2E-002

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-509RGBM2E-002 LUCKY-LIGHT-LL-509RGBM2E-002 Datasheet
197Kb / 10P
   5mm Standard T-1 3/4 Type Full Color With Common Cathode LED Technical Data Sheet
LL-509RGBM2E-004 LUCKY-LIGHT-LL-509RGBM2E-004 Datasheet
197Kb / 10P
   5mm Standard T-1 3/4 Type Full Color With Common Anode LED Technical Data Sheet
logo
Kersemi Electronic Co.,...
LL-509RGBM2E-004 KERSEMI-LL-509RGBM2E-004 Datasheet
197Kb / 10P
   5mm Standard T-1 3/4 Type Full Color With Common Anode LED Technical Data Sheet
logo
Lucky Light Electronic
LL-509RGBC2E-004 LUCKY-LIGHT-LL-509RGBC2E-004 Datasheet
195Kb / 10P
   5mm Standard T-1 3/4 Type Full Color With Common Anode LED Technical Data Sheet
LL-509RGBM2E-004 LUCKY-LIGHT-LL-509RGBM2E-004 Datasheet
197Kb / 10P
   5mm Standard T-1 3/4 Type Full Color With Common Anode LED
logo
Kersemi Electronic Co.,...
LL-509RGBM2E-004 KERSEMI-LL-509RGBM2E-004 Datasheet
197Kb / 10P
   5mm Standard T-1 3/4 Type Full Color With Common Anode LED
logo
Lucky Light Electronic
LL-509YGM2E-2Y-2A LUCKY-LIGHT-LL-509YGM2E-2Y-2A Datasheet
149Kb / 9P
   5mm Bi-Color With Common Cathode Type Yellow & Yellow Green LED Technical Data Sheet
LL-503UAC2V-3AD LUCKY-LIGHT-LL-503UAC2V-3AD Datasheet
139Kb / 7P
   5mm Round Standard T-1 3/4 Type Ultra Amber LED Technical Data Sheet
LL-503UAC2V-1AD LUCKY-LIGHT-LL-503UAC2V-1AD Datasheet
139Kb / 7P
   5mm Round Standard T-1 3/4 Type Ultra Amber LED Technical Data Sheet
LL-503UAC2V-2AD LUCKY-LIGHT-LL-503UAC2V-2AD Datasheet
139Kb / 7P
   5mm Round Standard T-1 3/4 Type Ultra Amber LED Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com