Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDS8852H Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NDS8852H
Description  Complementary MOSFET Half Bridge
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDS8852H Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NDS8852H Datasheet HTML 1Page - Fairchild Semiconductor NDS8852H Datasheet HTML 2Page - Fairchild Semiconductor NDS8852H Datasheet HTML 3Page - Fairchild Semiconductor NDS8852H Datasheet HTML 4Page - Fairchild Semiconductor NDS8852H Datasheet HTML 5Page - Fairchild Semiconductor NDS8852H Datasheet HTML 6Page - Fairchild Semiconductor NDS8852H Datasheet HTML 7Page - Fairchild Semiconductor NDS8852H Datasheet HTML 8Page - Fairchild Semiconductor NDS8852H Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Type
Min
Typ
Max
Units
SWITCHING CHARACTERISTICS (Note 3)
t
D(on)
Turn - On Delay Time
N-Channel
V
DD = 10 V, ID = 1 A,
V
GEN = 10 V, RGEN = 6
P-Channel
V
DD = -10 V, ID = -1 A,
V
GEN = -10 V, RGEN = 6
N-Ch
10
15
ns
P-Ch
9
40
t
r
Turn - On Rise Time
N-Ch
13
20
ns
P-Ch
21
40
t
D(off)
Turn - Off Delay Time
N-Ch
21
50
ns
P-Ch
21
90
t
f
Turn - Off Fall Time
N-Ch
5
50
ns
P-Ch
8
50
Q
g
Total Gate Charge
N-Channel
V
DS = 10 V,
I
D =
3.4 A, V
GS = 10 V
P-Channel
V
DS = -10 V,
I
D = -3.4 A, VGS = -10 V
N-Ch
9.5
27
nC
P-Ch
10
25
Q
gs
Gate-Source Charge
N-Ch
1.5
P-Ch
1.6
Q
gd
Gate-Drain Charge
N-Ch
2.6
P-Ch
2.7
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
I
S
Maximum Continuous Drain-Source Diode Forward Current
N-Ch
2.1
A
P-Ch
-2.1
V
SD
Drain-Source Diode Forward
Voltage
V
GS = 0 V, IS = 2.1 A (Note 2)
N-Ch
0.8
1.2
V
V
GS = 0 V, IS = -2.1 A (Note 2)
P-Ch
-0.8
-1.2
t
rr
Reverse Recovery Time
N-Channel
V
GS = 0 V, IF = 2.1 A, dIF/dt = 100 A/µs
N-Ch
100
ns
P-Channel
V
GS = 0 V, IF = -2.1 A, dIF/dt = 100 A/µs
P-Ch
100
Notes:
1. R
θJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed by
design while R
θCA is determined by the user's board design.
PD
(t) = TJTA
R
θJ A(t) =
TJ
T
A
R
θJ C+CA(t)
= I
D
2
(t) × R
DS
(ON ) TJ
Typical R
θJA using the board layouts shown below on 4.5"x5" FR-4 PCB in a still air environment:
a. 50oC/W when mounted on a 1 in2 pad of 2oz cpper.
b. 105
oC/W when mounted on a 0.04 in2 pad of 2oz cpper.
c. 125
oC/W when mounted on a 0.006 in2 pad of 2oz cpper.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
NDS8852H Rev. C1
1a
1b
1c


Similar Part No. - NDS8852H

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS8858H FAIRCHILD-NDS8858H Datasheet
350Kb / 12P
   Complementry MOSFET Half Bridge
More results

Similar Description - NDS8852H

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS8839H FAIRCHILD-NDS8839H Datasheet
350Kb / 12P
   Complementary MOSFET Half Bridge
logo
Guangdong Kexin Industr...
KDS4501H KEXIN-KDS4501H Datasheet
77Kb / 3P
   Complementary PowerTrench Half-Bridge MOSFET
logo
Fairchild Semiconductor
FDS4501H FAIRCHILD-FDS4501H Datasheet
1Mb / 8P
   Complementary PowerTrench Half-Bridge MOSFET
logo
Guangdong Kexin Industr...
KI4500BDY KEXIN-KI4500BDY Datasheet
57Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
KI4501DY KEXIN-KI4501DY Datasheet
58Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
logo
Vishay Siliconix
SI4501ADY VISHAY-SI4501ADY Datasheet
65Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
14-Jun-04
SI3850ADV VISHAY-SI3850ADV_08 Datasheet
128Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. A, 27-Mar-06
SI3850ADV VISHAY-SI3850ADV_09 Datasheet
214Kb / 13P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 12-Oct-09
SI4500BDY VISHAY-SI4500BDY_09 Datasheet
278Kb / 12P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. D, 27-Apr-09
SI4501DY VISHAY-SI4501DY Datasheet
58Kb / 7P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 19-Jul-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com