Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL-506IGM2E-I1-2A Datasheet(PDF) 3 Page - Lucky Light Electronic

Part # LL-506IGM2E-I1-2A
Description  5mm Bi-Color Without Common Polarity Type Hi-Eff Red & Yellow Green LED Technical Data Sheet
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-506IGM2E-I1-2A Datasheet(HTML) 3 Page - Lucky Light Electronic

  LL-506IGM2E-I1-2A Datasheet HTML 1Page - Lucky Light Electronic LL-506IGM2E-I1-2A Datasheet HTML 2Page - Lucky Light Electronic LL-506IGM2E-I1-2A Datasheet HTML 3Page - Lucky Light Electronic LL-506IGM2E-I1-2A Datasheet HTML 4Page - Lucky Light Electronic LL-506IGM2E-I1-2A Datasheet HTML 5Page - Lucky Light Electronic LL-506IGM2E-I1-2A Datasheet HTML 6Page - Lucky Light Electronic LL-506IGM2E-I1-2A Datasheet HTML 7Page - Lucky Light Electronic LL-506IGM2E-I1-2A Datasheet HTML 8Page - Lucky Light Electronic LL-506IGM2E-I1-2A Datasheet HTML 9Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Luckylight
Spec No.: B508 X360
Rev No.: V.2
Date: Jun/22/2009
Page: 3 OF 9
Approved: JoJo
Checked: Wu
Drawn: Yao
Lucky Light Electronics Co., Ltd.
Http://www.luckylightled.com
Package Dimension:
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25 mm (.010″) unless otherwise noted.
3. Protruded resin under flange is 1.00 mm (.039″) max.
4. Specifications are subject to change without notice.
Part No.
Chip Material
Lens Color
Source Color
I
GaAsP/GaP
Hi-Eff Red
LL-506IGM2E-I1-2A
G
GaP
White
Diffused
Yellow Green


Similar Part No. - LL-506IGM2E-I1-2A

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-506YGM2E-2Y-1A LUCKY-LIGHT-LL-506YGM2E-2Y-1A Datasheet
148Kb / 9P
   5mm Bi-Color Without Common Polarity Type Yellow & Yellow Green LED Technical Data Sheet
More results

Similar Description - LL-506IGM2E-I1-2A

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-257IGM1G-I1-2A LUCKY-LIGHT-LL-257IGM1G-I1-2A Datasheet
147Kb / 9P
   2횞5mm Bi-Color Without Common Polarity Type Hi-Eff Red & Yellow Green LED Technical Data Sheet
LL-509IGM2E-I1-2A LUCKY-LIGHT-LL-509IGM2E-I1-2A Datasheet
149Kb / 9P
   5mm Bi-Color With Common Cathode Type Hi-Eff Red & Yellow Green LED Technical Data Sheet
LL-506YGM2E-2Y-1A LUCKY-LIGHT-LL-506YGM2E-2Y-1A Datasheet
148Kb / 9P
   5mm Bi-Color Without Common Polarity Type Yellow & Yellow Green LED Technical Data Sheet
LL-259IGM1G-I1-2A LUCKY-LIGHT-LL-259IGM1G-I1-2A Datasheet
142Kb / 9P
   2횞5mm Bi-Color With Common Cathode Type Hi-Eff Red & Yellow Green LED Technical Data Sheet
LL-309IGM2E-I1-2A LUCKY-LIGHT-LL-309IGM2E-I1-2A Datasheet
166Kb / 9P
   3mm Bi-Color With Common Cathode Type Hi-Eff Red & Yellow Green LED Technical Data Sheet
LL-3010IGM2E-I1-2A LUCKY-LIGHT-LL-3010IGM2E-I1-2A Datasheet
148Kb / 9P
   3mm Bi-Color With Common Cathode Type Hi-Eff Red & Yellow Green LED Technical Data Sheet
LL-257YGM1G-2Y-1A LUCKY-LIGHT-LL-257YGM1G-2Y-1A Datasheet
146Kb / 9P
   2횞5mm Bi-Color Without Common Polarity Type Yellow & Yellow Green LED Technical Data Sheet
LL-307YGM2E-2Y-1A LUCKY-LIGHT-LL-307YGM2E-2Y-1A Datasheet
149Kb / 9P
   3mm Bi-Color Without Common Polarity Type Yellow & Yellow Green LED Technical Data Sheet
LL-509YGM2E-2Y-2A LUCKY-LIGHT-LL-509YGM2E-2Y-2A Datasheet
149Kb / 9P
   5mm Bi-Color With Common Cathode Type Yellow & Yellow Green LED Technical Data Sheet
LL-244ID3D-I1 LUCKY-LIGHT-LL-244ID3D-I1 Datasheet
134Kb / 7P
   2횞4mm Rectangular Without Flange Type Hi-Eff Red LED Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com