Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3SMAJ5926B Datasheet(PDF) 3 Page - Micro Commercial Components

Part # 3SMAJ5926B
Description  3.0 Watt Surface Mount Silicon Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

3SMAJ5926B Datasheet(HTML) 3 Page - Micro Commercial Components

  3SMAJ5926B Datasheet HTML 1Page - Micro Commercial Components 3SMAJ5926B Datasheet HTML 2Page - Micro Commercial Components 3SMAJ5926B Datasheet HTML 3Page - Micro Commercial Components 3SMAJ5926B Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATING AND CHARACTERISTICS CURVES
200
100
70
50
30
20
10
10
20
30
50
70
100
200
VZ@IZT
VZ, ZENER VOLTAGE (VOLTS)
1K
500
200
100
50
20
10
5
2
1
0.5
1
2
5
10
20
50
100 200
500
VZ = 150V
91V
62V
22V
12V
6.8V
TJ - 25C
IZ(ms) = 0.1 IZ(dc)
IZ, ZENER TEST CURRENT (mA)
Fig. 3-ZENER VOLTAGE-10 TO 200 VOLTS
Fig. 4-EFFECT OF ZENER CURRENT
200
100
70
50
30
20
10
7
5
3
2
5
7
10
20
30
50
70
100
IZ (dc) =1mA
10mA
20mA
IZ (ms) = 0.1 IZ (dc)
VZ, ZENER VOLTAGE (VOLTS)
1K
500
300
200
100
50
30
20
10
.1
.2 .3
5
1
2 3 5
10
20
50
100
RECTANGULAR NONREPETITIVE
WAVEFORM TJ = 25 C PRIOR TO
INITIAL PULSE
PW, PULSE WIDTH(ms)
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
0 10 20 30 40 50 60 70 80 90 100
VZ, ZENER VOLTAGE (VOLTS)
Fig. 7-VZ = 12 THRU 40 VOLTS
MCC
www.mccsemi.com
TM
Micro Commercial Components
3 of 4
3SMAJ5913B thru 3SMAJ5943B
Revision: A
2011/01/01


Similar Part No. - 3SMAJ5926B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
3SMAJ5926B MCC-3SMAJ5926B Datasheet
128Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5926B MCC-3SMAJ5926B Datasheet
338Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes Surface Mount Application
3SMAJ5926B MCC-3SMAJ5926B Datasheet
266Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes Glass Passivated Junction
3SMAJ5926B MCC-3SMAJ5926B Datasheet
338Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
More results

Similar Description - 3SMAJ5926B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMA5C5V1 MCC-SMA5C5V1 Datasheet
281Kb / 3P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5913B MCC-3SMAJ5913B_18 Datasheet
329Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5913B-TP MCC-3SMBJ5913B-TP Datasheet
250Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5918B MCC-3SMBJ5918B_18 Datasheet
347Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5956B-TP MCC-3SMAJ5956B-TP Datasheet
338Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5913B MCC-3SMAJ5913B Datasheet
128Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5925BHE3 MCC-3SMAJ5925BHE3 Datasheet
224Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3MSMA1J59138B MCC-3MSMA1J59138B Datasheet
330Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5913B MCC-3SMBJ5913B_18 Datasheet
333Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5925BHE3 MCC-3SMBJ5925BHE3 Datasheet
328Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com