Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

132-14SM_L Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 132-14SM_L
Description  Maxi SpringAir Core Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

132-14SM_L Datasheet(HTML) 2 Page - Coilcraft lnc.

  132-14SM_L Datasheet HTML 1Page - Coilcraft lnc. 132-14SM_L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 185-2
Document 185-2 Revised 01/11/11
Maxi Spring™ Air Core Inductors
Typical L vs Frequency
Typical Q vs Frequency
1
10
Frequency (MHz)
100
1000
90 nH
246 nH
422 nH
169 nH
1000
900
800
700
600
500
400
300
200
100
0
110
Frequency (MHz)
100
1000
90 nH
246 nH
422 nH
169 nH
250
200
150
100
50
0
135°
max
0° min
Recommended
Land Pattern
Strip
Length
0.095
2,42
0.185
4,70
0.080
2,04
0.314
7,98
0.415
0.260
0.235
0.314 ±0.020
A max
B max
C max
DE
0.240 ±0.015
10,55
6,60
5,97
6,10 ±0,38
7,98 ±0,51
E
B
D
C
A
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Typical Irms Derating
Dimensions are in
inches
mm
Designer’s Kit C319 contains 8 each of all 5% values.
Designer’s Kit C319-2 contains 8 each of all 2% values.


Similar Part No. - 132-14SM_L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
132-14SM-L COILCRAFT-132-14SM-L Datasheet
221Kb / 2P
   Maxi Spring??Air Core Inductors
132-14SMGLB COILCRAFT-132-14SMGLB Datasheet
320Kb / 2P
   Maxi Spring Air Core Inductors
132-14SMGLB COILCRAFT-132-14SMGLB Datasheet
201Kb / 2P
   Maxi Spring Air Core Inductors
132-14SMGLD COILCRAFT-132-14SMGLD Datasheet
320Kb / 2P
   Maxi Spring Air Core Inductors
132-14SMGLD COILCRAFT-132-14SMGLD Datasheet
201Kb / 2P
   Maxi Spring Air Core Inductors
More results

Similar Description - 132-14SM_L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
132-12SMJLD COILCRAFT-132-12SMJLD Datasheet
201Kb / 2P
   Maxi Spring Air Core Inductors
132-09SM-L COILCRAFT-132-09SM-L Datasheet
221Kb / 2P
   Maxi Spring??Air Core Inductors
132-20SMGLD COILCRAFT-132-20SMGLD Datasheet
320Kb / 2P
   Maxi Spring Air Core Inductors
132-09SMGLD COILCRAFT-132-09SMGLD_15 Datasheet
455Kb / 2P
   Maxi Spring??Air Core Inductors
logo
Infineon Technologies A...
IM828-XCC INFINEON-IM828-XCC Datasheet
1Mb / 23P
   CIPOS??Maxi IM828
2020-09-03 revision:2.0
logo
API Delevan
4726R API-4726R Datasheet
1Mb / 1P
   Air Core Inductors
logo
Coilcraft lnc.
NA5931 COILCRAFT-NA5931_14 Datasheet
228Kb / 2P
   Air Core Inductors
GA3092-AL COILCRAFT-GA3092-AL Datasheet
213Kb / 2P
   Air Core Inductors
logo
API Delevan
4426R API-4426R Datasheet
1Mb / 1P
   Air Core Inductors
logo
List of Unclassifed Man...
4426-1 ETC1-4426-1 Datasheet
39Kb / 1P
   Air Core Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com