Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN1R6-30PL Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PSMN1R6-30PL
Description  N-channel 30 V 1.7 m廓 logic level MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN1R6-30PL Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PSMN1R6-30PL Datasheet HTML 4Page - NXP Semiconductors PSMN1R6-30PL Datasheet HTML 5Page - NXP Semiconductors PSMN1R6-30PL Datasheet HTML 6Page - NXP Semiconductors PSMN1R6-30PL Datasheet HTML 7Page - NXP Semiconductors PSMN1R6-30PL Datasheet HTML 8Page - NXP Semiconductors PSMN1R6-30PL Datasheet HTML 9Page - NXP Semiconductors PSMN1R6-30PL Datasheet HTML 10Page - NXP Semiconductors PSMN1R6-30PL Datasheet HTML 11Page - NXP Semiconductors PSMN1R6-30PL Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PSMN1R6-30PL_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 25 June 2009
8 of 13
NXP Semiconductors
PSMN1R6-30PL
N-channel 30 V 1.7 m
Ω logic level MOSFET
Fig 11. Sub-threshold drain current as a function of
gate-source voltage
Fig 12. Gate-source threshold voltage as a function of
junction temperature
Fig 13. Normalized drain-source on-state resistance
factor as a function of junction temperature
Fig 14. Gate charge waveform definitions
003aab271
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
01
23
VGS (V)
ID
(A)
max
typ
min
003a a c982
0
1
2
3
-60
0
60
120
180
Tj (
°C)
VGS(th)
(V)
max
typ
min
03aa27
0
0.5
1
1.5
2
−60
0
60
120
180
Tj (
°C)
a
003aaa508
VGS
VGS(th)
QGS1
QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)


Similar Part No. - PSMN1R6-30PL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R6-30PL NXP-PSMN1R6-30PL Datasheet
233Kb / 13P
   N-channel 30 V 1.7 m廓 logic level MOSFET
Rev. 02-25 June 2009
logo
Inchange Semiconductor ...
PSMN1R6-30PL ISC-PSMN1R6-30PL Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PSMN1R6-30PL NEXPERIA-PSMN1R6-30PL Datasheet
731Kb / 13P
   N-channel 30 V 1.7 mΩ logic level MOSFET
Rev. 02 - 25 June 2009
More results

Similar Description - PSMN1R6-30PL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R6-30PL NXP-PSMN1R6-30PL Datasheet
233Kb / 13P
   N-channel 30 V 1.7 m廓 logic level MOSFET
Rev. 02-25 June 2009
PSMN1R7-30YL NXP-PSMN1R7-30YL_11 Datasheet
305Kb / 15P
   N-channel 30 V 1.7 m廓 logic level MOSFET in LFPAK
Rev. 1-30 May 2011
PSMN1R7-30YL NXP-PSMN1R7-30YL_10 Datasheet
445Kb / 13P
   N-channel 30 V 1.7 m廓 logic level MOSFET in LFPAK
Rev. 04-20 April 2010
logo
Nexperia B.V. All right...
PSMN1R9-40PL NEXPERIA-PSMN1R9-40PL Datasheet
735Kb / 13P
   N-channel 40 V, 1.7 m廓 logic level MOSFET in SOT78
logo
NXP Semiconductors
PSMN1R9-40PL PHILIPS-PSMN1R9-40PL_15 Datasheet
263Kb / 13P
   N-channel 40 V, 1.7 m廓 logic level MOSFET in SOT78
1 February 2013
PSMN2R0-30PL NXP-PSMN2R0-30PL Datasheet
220Kb / 13P
   N-channel 30 V 2.1 m廓 logic level MOSFET
Rev. 01-24 June 2009
PSMN013-30LL NXP-PSMN013-30LL Datasheet
176Kb / 13P
   N-channel 30 V 13 m廓 logic level MOSFET
Rev. 01-18 February 2010
logo
Nexperia B.V. All right...
PSMN1R6-30PL NEXPERIA-PSMN1R6-30PL Datasheet
731Kb / 13P
   N-channel 30 V 1.7 mΩ logic level MOSFET
Rev. 02 - 25 June 2009
logo
NXP Semiconductors
PSMN3R5-30LL NXP-PSMN3R5-30LL Datasheet
179Kb / 13P
   N-channel 30 V 3.6 m廓 logic level MOSFET
Rev. 01-18 February 2010
PSMN4R3-30PL NXP-PSMN4R3-30PL Datasheet
223Kb / 13P
   N-channel 30 V 4.3 m廓 logic level MOSFET
Rev. 01-16 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com