Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBHV8115T Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PBHV8115T
Description  150 V, 1 A NPN high-voltage low VCEsat (BISS) transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBHV8115T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PBHV8115T Datasheet HTML 5Page - NXP Semiconductors PBHV8115T Datasheet HTML 6Page - NXP Semiconductors PBHV8115T Datasheet HTML 7Page - NXP Semiconductors PBHV8115T Datasheet HTML 8Page - NXP Semiconductors PBHV8115T Datasheet HTML 9Page - NXP Semiconductors PBHV8115T Datasheet HTML 10Page - NXP Semiconductors PBHV8115T Datasheet HTML 11Page - NXP Semiconductors PBHV8115T Datasheet HTML 12Page - NXP Semiconductors PBHV8115T Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PBHV8115T_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 December 2008
10 of 12
NXP Semiconductors
PBHV8115T
150 V, 1 A NPN high-voltage low VCEsat (BISS) transistor
12. Revision history
Table 9.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PBHV8115T_2
20081209
Product data sheet
-
PBHV8115T_1
Modifications:
• Table 5: IBM maximum value changed from 100 mA to 400 mA
• Figure 4: amended
• Section 13 “Legal information”: updated
PBHV8115T_1
20080204
Product data sheet
-
-


Similar Part No. - PBHV8115T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBHV8115T NXP-PBHV8115T Datasheet
118Kb / 12P
   150 V, 1 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 01-4 February 2008
PBHV8115T NXP-PBHV8115T Datasheet
113Kb / 12P
   150 V, 1 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 02-9 December 2008
logo
Nexperia B.V. All right...
PBHV8115T NEXPERIA-PBHV8115T Datasheet
284Kb / 12P
   150 V, 1 A NPN high-voltage low VCEsat transistor
1 January 2023
PBHV8115T-Q NEXPERIA-PBHV8115T-Q Datasheet
266Kb / 12P
   150 V, 1 A NPN high-voltage low VCEsat transistor
16 March 2022
PBHV8115TLH NEXPERIA-PBHV8115TLH Datasheet
418Kb / 15P
   150 V, 1 A NPN high-voltage low VCEsat BISS transistor
More results

Similar Description - PBHV8115T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBHV8115Z NXP-PBHV8115Z Datasheet
124Kb / 12P
   150 V, 1 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 01-5 February 2008
logo
Nexperia B.V. All right...
PBHV8115Z NEXPERIA-PBHV8115Z Datasheet
248Kb / 13P
   150 V, 1 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 02 - 9 December 2008
logo
NXP Semiconductors
PBHV8115Z NXP-PBHV8115Z_08 Datasheet
126Kb / 12P
   150 V, 1 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 02-9 December 2008
logo
Nexperia B.V. All right...
PBHV8115TLH NEXPERIA-PBHV8115TLH Datasheet
418Kb / 15P
   150 V, 1 A NPN high-voltage low VCEsat BISS transistor
logo
NXP Semiconductors
PBHV8115T NXP-PBHV8115T Datasheet
118Kb / 12P
   150 V, 1 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 01-4 February 2008
PBHV8115T NXP-PBHV8115T_08 Datasheet
113Kb / 12P
   150 V, 1 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 02-9 December 2008
logo
Nexperia B.V. All right...
PBHV8115X NEXPERIA-PBHV8115X Datasheet
366Kb / 15P
   150 V, 1 A NPN high-voltage low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBHV9115Z NXP-PBHV9115Z Datasheet
137Kb / 12P
   150 V, 1 A PNP high-voltage low VCEsat (BISS) transistor
Rev. 02-9 January 2009
logo
Nexperia B.V. All right...
PBHV8215Z NEXPERIA-PBHV8215Z Datasheet
277Kb / 13P
   150 V, 2 A NPN high-voltage low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBHV9115X115 PHILIPS-PBHV9115X115 Datasheet
163Kb / 13P
   150 V, 1 A PNP high-voltage low VCEsat (BISS) transistor
Rev. 01-10 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com