Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8099ARD Datasheet(PDF) 6 Page - Analog Devices

Part # AD8099ARD
Description  Ultralow Distortion, High Speed 0.95 nV/?뺿z Voltage Noise Op Amp
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099ARD Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8099ARD Datasheet HTML 2Page - Analog Devices AD8099ARD Datasheet HTML 3Page - Analog Devices AD8099ARD Datasheet HTML 4Page - Analog Devices AD8099ARD Datasheet HTML 5Page - Analog Devices AD8099ARD Datasheet HTML 6Page - Analog Devices AD8099ARD Datasheet HTML 7Page - Analog Devices AD8099ARD Datasheet HTML 8Page - Analog Devices AD8099ARD Datasheet HTML 9Page - Analog Devices AD8099ARD Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Data Sheet
AD8099
Rev. D | Page 5 of 28
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
12.6 V
Power Dissipation
See Figure 4
Differential Input Voltage
±
1.8 V
Differential Input Current
±10mA
Storage Temperature
–65°C to +125°C
Operating Temperature Range
–40°C to +125°C
Lead Temperature Range (Soldering 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation in the AD8099 package is
limited by the associated rise in junction temperature (TJ) on
the die. The plastic encapsulating the die will locally reach the
junction temperature. At approximately 150°C, which is the
glass transition temperature, the plastic will change its
properties. Even temporarily exceeding this temperature limit
may change the stresses that the package exerts on the die,
permanently shifting the parametric performance of the
AD8099. Exceeding a junction temperature of 150°C for an
extended period can result in changes in silicon devices,
potentially causing failure.
The still-air thermal properties of the package and PCB (θJA),
the ambient temperature (TA), and the total power dissipated in
the package (PD) determine the junction temperature of the die.
The junction temperature can be calculated as
(
)
JA
D
A
J
θ
P
T
T
×
+
=
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive for all outputs. The quiescent
power is the voltage between the supply pins (VS) times the
quiescent current (IS). Assuming the load (RL) is referenced to
midsupply, the total drive power is VS/2 × IOUT, some of which is
dissipated in the package and some in the load (VOUT × IOUT).
The difference between the total drive power and the load
power is the drive power dissipated in the package.
PD = Quiescent Power + (Total Drive Power – Load Power)
(
)
L
2
OUT
L
OUT
S
S
S
D
R
V
R
V
2
V
I
V
P


×
+
×
=
RMS output voltages should be considered. If RL is referenced to
VS–, as in single-supply operation, then the total drive power is
VS × IOUT. If the rms signal levels are indeterminate, consider the
worst case, when VOUT = VS/4 for RL to midsupply:
(
) (
)
L
S
S
S
D
R
/
V
I
V
P
2
4
+
×
=
In single-supply operation with RL referenced to VS–, worst case
is VOUT = VS/2.
Airflow will increase heat dissipation, effectively reducing θJA.
Also, more metal directly in contact with the package leads
from metal traces, through holes, ground, and power planes will
reduce the θJA. Soldering the exposed paddle to the ground
plane significantly reduces the overall thermal resistance of the
package. Care must be taken to minimize parasitic capaci-
tances at the input leads of high speed op amps, as discussed in
the PCB Layout section.
Figure 4 shows the maximum safe power dissipation in the
package versus the ambient temperature for the exposed paddle
(e-pad) SOIC-8 (70°C/W), and LFCSP (70°C/W), packages on a
JEDEC standard 4-layer board. θJA values are approximations.
AMBIENT TEMPERATURE (°C)
120
–40
–20
0
20
40
60
80
100
0.0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
LFCSP AND SOIC
Figure 4. Maximum Power Dissipation
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD8099ARD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8099ARD AD-AD8099ARD Datasheet
1Mb / 28P
   Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
REV. B
AD8099ARD-REEL AD-AD8099ARD-REEL Datasheet
1Mb / 28P
   Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
REV. B
AD8099ARD-REEL7 AD-AD8099ARD-REEL7 Datasheet
1Mb / 28P
   Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
REV. B
AD8099ARDZ AD-AD8099ARDZ Datasheet
1Mb / 28P
   Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
REV. B
AD8099ARDZ-REEL AD-AD8099ARDZ-REEL Datasheet
1Mb / 28P
   Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
REV. B
More results

Similar Description - AD8099ARD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8099 AD-AD8099 Datasheet
1Mb / 28P
   Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
REV. B
ADA4899-1 AD-ADA4899-1_16 Datasheet
695Kb / 21P
   Unity-Gain Stable, Ultralow Distortion, 1 nV/?뺿z Voltage Noise, High Speed Op Amp
AD8045 AD-AD8045_16 Datasheet
519Kb / 26P
   3 nV/?숰z, Ultralow Distortion, High Speed Op Amp
AD8045 AD-AD8045 Datasheet
667Kb / 24P
   3 nV/Hz Ultralow Distortion, High Speed Op Amp
REV. A
AD8045 AD-AD8045_15 Datasheet
709Kb / 25P
   3 nV/Hz Ultralow Distortion, High Speed Op Amp
REV. A
ADA4899-1 AD-ADA4899-1_07 Datasheet
650Kb / 20P
   Unity-Gain Stable, Ultralow Distortion, 1 nV/?숰z Voltage Noise, High Speed Op Amp
REV. B
ADA4899-1 AD-ADA4899-1 Datasheet
617Kb / 20P
   Unity Gain Stable, Ultralow Distortion, 1 nV/ Hz Voltage Noise, High Speed Op Amp
REV. A
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8597 AD-AD8597 Datasheet
113Kb / 3P
   Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com