Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4051BTT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # HEF4051BTT
Description  8-channel analog multiplexer/demultiplexer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4051BTT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button HEF4051BTT Datasheet HTML 4Page - NXP Semiconductors HEF4051BTT Datasheet HTML 5Page - NXP Semiconductors HEF4051BTT Datasheet HTML 6Page - NXP Semiconductors HEF4051BTT Datasheet HTML 7Page - NXP Semiconductors HEF4051BTT Datasheet HTML 8Page - NXP Semiconductors HEF4051BTT Datasheet HTML 9Page - NXP Semiconductors HEF4051BTT Datasheet HTML 10Page - NXP Semiconductors HEF4051BTT Datasheet HTML 11Page - NXP Semiconductors HEF4051BTT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
HEF4051B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 10 — 17 November 2011
8 of 23
NXP Semiconductors
HEF4051B
8-channel analog multiplexer/demultiplexer
10.1 Test circuits
IS(OFF)
OFF-state
leakage
current
Z port;
all channels OFF;
see Figure 9
15 V
-
-
-
1000
-
-
-
-
nA
Y port;
per channel;
see Figure 10
15 V
-
-
-
200
-
-
-
-
nA
IDD
supply current IO = 0 A
5 V
-
5
-
5
-
150
-
150
A
10 V
-
10
-
10
-
300
-
300
A
15 V
-
20
-
20
-
600
-
600
A
CI
input
capacitance
Sn, E inputs
-
-
-
-
7.5
-
-
-
-
pF
Table 6.
Static characteristics …continued
VSS = VEE = 0 V; VI = VSS or VDD unless otherwise specified.
Symbol Parameter
Conditions
VDD
Tamb = 40 C Tamb = 25 C
Tamb = 85 C Tamb = 125 C Unit
Min
Max
Min
Max
Min
Max
Min
Max
Fig 9.
Test circuit for measuring OFF-state leakage current Z port
IS
001aak513
VDD
VI
VSS = VEE
S1 to S3
E
Z
VDD or VSS
VDD
Yn
VO
Fig 10. Test circuit for measuring OFF-state leakage current Yn port
IS
001aak514
VSS
VO
switch
VSS = VEE
S1 to S3
E
Z
Y0
VDD or VSS
VDD
Yn
1
2
VI


Similar Part No. - HEF4051BTT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4051BTT PHILIPS-HEF4051BTT Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
logo
Nexperia B.V. All right...
HEF4051BTT NEXPERIA-HEF4051BTT Datasheet
293Kb / 18P
   8-channel analog multiplexer/demultiplexer
Rev. 13 - 29 July 2021
HEF4051BTT-Q100 NEXPERIA-HEF4051BTT-Q100 Datasheet
292Kb / 18P
   8-channel analog multiplexer/demultiplexer
Rev. 3 - 29 July 2021
More results

Similar Description - HEF4051BTT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051 Datasheet
259Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051 Datasheet
241Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com