Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4051BTS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # HEF4051BTS
Description  8-channel analog multiplexer/demultiplexer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4051BTS Datasheet(HTML) 5 Page - NXP Semiconductors

  HEF4051BTS Datasheet HTML 1Page - NXP Semiconductors HEF4051BTS Datasheet HTML 2Page - NXP Semiconductors HEF4051BTS Datasheet HTML 3Page - NXP Semiconductors HEF4051BTS Datasheet HTML 4Page - NXP Semiconductors HEF4051BTS Datasheet HTML 5Page - NXP Semiconductors HEF4051BTS Datasheet HTML 6Page - NXP Semiconductors HEF4051BTS Datasheet HTML 7Page - NXP Semiconductors HEF4051BTS Datasheet HTML 8Page - NXP Semiconductors HEF4051BTS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
HEF4051B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 10 — 17 November 2011
5 of 23
NXP Semiconductors
HEF4051B
8-channel analog multiplexer/demultiplexer
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 6.
Pin configuration SOT38-4 and SOT109-1
Fig 7.
Pin configuration SOT338-1 and SOT403-1
HEF4051B
Y4
VDD
Y6
Y2
ZY1
Y7
Y0
Y5
Y3
ES1
VEE
S2
VSS
S3
001aak508
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
HEF4051B
Y4
VDD
Y6
Y2
ZY1
Y7
Y0
Y5
Y3
ES1
VEE
S2
VSS
S3
001aac282
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Table 2.
Pin description
Symbol
Pin
Description
E
6
enable input (active LOW)
VEE
7
supply voltage
VSS
8
ground supply voltage
S1, S2, S3
11, 10, 9
select input
Y0, Y1, Y2, Y3, Y4, Y5, Y6, Y7
13, 14, 15, 12, 1, 5, 2, 4
independent input or output
Z
3
common output or input
VDD
16
supply voltage


Similar Part No. - HEF4051BTS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4051BTS PHILIPS-HEF4051BTS Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
More results

Similar Description - HEF4051BTS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051 Datasheet
259Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051 Datasheet
241Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com