Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV5624IDGK Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5624IDGK
Description  2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5624IDGK Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV5624IDGK Datasheet HTML 4Page - Texas Instruments TLV5624IDGK Datasheet HTML 5Page - Texas Instruments TLV5624IDGK Datasheet HTML 6Page - Texas Instruments TLV5624IDGK Datasheet HTML 7Page - Texas Instruments TLV5624IDGK Datasheet HTML 8Page - Texas Instruments TLV5624IDGK Datasheet HTML 9Page - Texas Instruments TLV5624IDGK Datasheet HTML 10Page - Texas Instruments TLV5624IDGK Datasheet HTML 11Page - Texas Instruments TLV5624IDGK Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TLV5624
2.7V TO 5.5V LOW POWER 8BIT DIGITALTOANALOG
CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
SLAS235B − JULY 1999 − REVISED APRIL 2004
8
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 6
1.5
1
0.5
−40 −30 −20 −10 0
20 30
2
2.5
SUPPLY CURRENT
vs
TEMPERATURE
3
40 50
70
90
10
60
80
Fast Mode
Slow Mode
t − Temperature −
°C
VDD = 5 V, REF = 2 V,
Input Code = 255
Figure 7
1.5
1
0.5
−40−30−20 −10 0
10 20
2
2.5
3
30 40 50
90
60 70 80
SUPPLY CURRENT
vs
TEMPERATURE
Fast Mode
Slow Mode
t − Temperature −
°C
VDD = 3 V, REF = 1 V,
Input Code = 255
Figure 8
1.4
0.8
0.4
0
0
10
203040
1.6
1.8
POWER DOWN SUPPLY CURRENT
vs
TIME
2
50
60
70
80
1.2
1
0.6
0.2
t − Time −
µs
Figure 9
−40
−50
−80
−100
100
1000
−20
−10
f − Frequency − Hz
TOTAL HARMONIC DISTORTION AND NOISE
vs
FREQUENCY
0
10000
100000
−30
−60
−70
−90
Fast Mode
Slow Mode
VDD = 5 V
Vref = 1 V dc + 1 V p/p Sinewave
Output Full Scale


Similar Part No. - TLV5624IDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5624 TI-TLV5624 Datasheet
236Kb / 17P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5624CD TI-TLV5624CD Datasheet
906Kb / 21P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-VIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5624D TI-TLV5624D Datasheet
236Kb / 17P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5624DGK TI-TLV5624DGK Datasheet
236Kb / 17P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5624 TI-TLV5624_15 Datasheet
955Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com