Electronic Components Datasheet Search |
|
TLV5624CDGK Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TLV5624CDGK Datasheet(HTML) 3 Page - Texas Instruments |
3 / 22 page TLV5624 2.7V TO 5.5V LOW POWER 8BIT DIGITALTOANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN SLAS235B − JULY 1999 − REVISED APRIL 2004 3 WWW.TI.COM absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage (VDD to AGND) 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Reference input voltage range − 0.3 V to VDD + 0.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Digital input voltage range − 0.3 V to VDD + 0.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: TLV5624C 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TLV5624I −40 °C to 85°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. recommended operating conditions MIN NOM MAX UNIT Supply voltage, VDD VDD = 5 V 4.5 5 5.5 V Supply voltage, VDD VDD = 3 V 2.7 3 3.3 V Power on reset, POR 0.55 2 V High-level digital input voltage, VIH DVDD = 2.7 V 2 V High-level digital input voltage, VIH DVDD = 5.5 V 2.4 V Low-level digital input voltage, VIL DVDD = 2.7 V 0.6 V Low-level digital input voltage, VIL DVDD = 5.5 V 1 V Reference voltage, Vref to REF terminal VDD = 5 V (see Note 1) AGND 2.048 VDD −1.5 V Reference voltage, Vref to REF terminal VDD = 3 V (see Note 1) AGND 1.024 VDD −1.5 V Load resistance, RL 2 k Ω Load capacitance, CL 100 pF Clock frequency, fCLK 20 MHz Operating free-air temperature, TA TLV5624C 0 70 °C Operating free-air temperature, TA TLV5624I −40 85 °C NOTE 1: Due to the x2 output buffer, a reference input voltage ≥ (VDD−0.4 V)/2 causes clipping of the transfer function. The output buffer of the internal reference must be disabled, if an external reference is used. |
Similar Part No. - TLV5624CDGK |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |