Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS193 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS193
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75ALS193 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75ALS193 Datasheet HTML 4Page - Texas Instruments SN75ALS193 Datasheet HTML 5Page - Texas Instruments SN75ALS193 Datasheet HTML 6Page - Texas Instruments SN75ALS193 Datasheet HTML 7Page - Texas Instruments SN75ALS193 Datasheet HTML 8Page - Texas Instruments SN75ALS193 Datasheet HTML 9Page - Texas Instruments SN75ALS193 Datasheet HTML 10Page - Texas Instruments SN75ALS193 Datasheet HTML 11Page - Texas Instruments SN75ALS193 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
SN75ALS193
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS008D – JUNE 1986 – REVISED MAY 1995
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
VID – Differential Input Voltage – mV
0
– 200
– 100
0
3
4
5
100
200
1
2
VCC = 5 V
VIC = – 12 V to 12 V
IO = 0
TA = 25°C
VIT –
4.5
3.5
2.5
1.5
0.5
– 150
– 50
50
150
VIT +
Figure 8
Figure 9
HIGH-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
2
1
0
– 75 – 50
– 25
0
25
50
3
4
75
100
125
VCC = 5 V
VID = 200 mV
VIC = 0
3.5
2.5
1.5
0.5
IOH = – 400 µA
IOH = 0
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH – High-Level Output Current – mA
3
2
4
5
1
0
– 100
VID = 200 mV
VIC = 0
TA = 25°C
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
0
– 20
– 40
– 60
– 80
4.5
3.5
2.5
1.5
0.5
–10
– 30
–50
– 70
–90
Figure 10
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH – High-Level Output Current – mA
3.5
3
2.5
2
4
4.5
5
1.5
1
0.5
0
TA = 0°C
TA = 25°C
0
– 20
– 40
– 60
– 80
– 100
VCC = 5 V
VID = 200 mV
VIC = 0
TA = 70°C
–10
– 30
–50
– 70
–90
Figure 11


Similar Part No. - SN75ALS193

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
563Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193D TI-SN75ALS193D Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193D TI-SN75ALS193D Datasheet
563Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193DE4 TI-SN75ALS193DE4 Datasheet
563Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results

Similar Description - SN75ALS193

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197NSR TI1-SN75ALS197NSR Datasheet
793Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI1-AM26C32_18 Datasheet
1Mb / 31P
[Old version datasheet]   Quadruple Differential Line Receiver
SN75ALS199 TI1-SN75ALS199_14 Datasheet
526Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP Datasheet
164Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32QDR TI1-AM26C32QDR Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LS32AM-EP TI1-AM26LS32AM-EP Datasheet
157Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197 TI-SN75ALS197 Datasheet
161Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com