Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4093BT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # HEF4093BT
Description  FBQuad 2-input NAND Schmitt trigger
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4093BT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button HEF4093BT Datasheet HTML 2Page - NXP Semiconductors HEF4093BT Datasheet HTML 3Page - NXP Semiconductors HEF4093BT Datasheet HTML 4Page - NXP Semiconductors HEF4093BT Datasheet HTML 5Page - NXP Semiconductors HEF4093BT Datasheet HTML 6Page - NXP Semiconductors HEF4093BT Datasheet HTML 7Page - NXP Semiconductors HEF4093BT Datasheet HTML 8Page - NXP Semiconductors HEF4093BT Datasheet HTML 9Page - NXP Semiconductors HEF4093BT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
HEF4093B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 21 November 2011
6 of 15
NXP Semiconductors
HEF4093B
Quad 2-input NAND Schmitt trigger
12. Waveforms
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
tr, tf = input rise and fall times.
Fig 4.
Propagation delay and output transition time
001aag197
input
output
tPLH
tPHL
0 V
VI
VM
VM
VOH
VOL
tTLH
tTHL
90 %
10 %
10 %
90 %
tr
tf
Table 9.
Measurement points
Supply voltage
Input
Output
VDD
VM
VM
5 V to 15 V
0.5VDD
0.5VDD
Test data given in Table 10.
Definitions for test circuit:
DUT = Device Under Test.
CL = load capacitance including jig and probe capacitance.
RT = termination resistance should be equal to the output impedance Zo of the pulse generator.
Fig 5.
Test circuit
VDD
VI
VO
001aag182
DUT
CL
RT
G
Table 10.
Test data
Supply voltage
Input
Load
VDD
VI
tr, tf
CL
5 V to 15 V
VSS or VDD
 20 ns
50 pF


Similar Part No. - HEF4093BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4093BT PHILIPS-HEF4093BT Datasheet
79Kb / 6P
   Quadruple 2-input NAND Schmitt trigger
January 1995
HEF4093BT PHILIPS-HEF4093BT Datasheet
158Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 8-21 November 2011
logo
Nexperia B.V. All right...
HEF4093BT NEXPERIA-HEF4093BT Datasheet
220Kb / 12P
   Quad 2-input NAND Schmitt trigger
Rev. 10 - 25 February 2022
logo
NXP Semiconductors
HEF4093BT-Q100 NXP-HEF4093BT-Q100 Datasheet
1Mb / 2P
   NXP Logic ??Q100 logic portfolio
logo
Nexperia B.V. All right...
HEF4093BT-Q100 NEXPERIA-HEF4093BT-Q100 Datasheet
219Kb / 12P
   Quad 2-input NAND Schmitt trigger
Rev. 2 - 25 February 2022
More results

Similar Description - HEF4093BT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G132DTT1G ONSEMI-MC74VHC1G132DTT1G Datasheet
123Kb / 6P
   2-Input NAND Schmitt-Trigger
July, 2013 ??Rev. 21
MC74VHC1G135 ONSEMI-MC74VHC1G135_18 Datasheet
206Kb / 14P
   2-Input NAND Schmitt-Trigger
November, 2018 ??Rev. 17
MC74VHC1G132 ONSEMI-MC74VHC1G132 Datasheet
72Kb / 6P
   2-Input NAND Schmitt-Trigger
August, 2005 ??Rev. 17
MC74VHC1G132 ONSEMI-MC74VHC1G132_V01 Datasheet
172Kb / 14P
   2-Input NAND Schmitt-Trigger
April, 2022 ??Rev. 25
MC74VHC1G132 ONSEMI-MC74VHC1G132_18 Datasheet
205Kb / 14P
   2-Input NAND Schmitt-Trigger
November, 2018 ??Rev. 22
logo
Hitachi Semiconductor
HD14093B HITACHI-HD14093B Datasheet
66Kb / 6P
   Quadruple 2-input NAND Schmitt Trigger
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
MC74VHC1G135DFT1G ONSEMI-MC74VHC1G135DFT1G Datasheet
140Kb / 6P
   2-Input NAND Schmitt-Trigger with
April, 2010 ??Rev. 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com