Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4274GV85 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4274GV85
Description  Low Drop Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4274GV85 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4274GV85 Datasheet HTML 4Page - Infineon Technologies AG TLE4274GV85 Datasheet HTML 5Page - Infineon Technologies AG TLE4274GV85 Datasheet HTML 6Page - Infineon Technologies AG TLE4274GV85 Datasheet HTML 7Page - Infineon Technologies AG TLE4274GV85 Datasheet HTML 8Page - Infineon Technologies AG TLE4274GV85 Datasheet HTML 9Page - Infineon Technologies AG TLE4274GV85 Datasheet HTML 10Page - Infineon Technologies AG TLE4274GV85 Datasheet HTML 11Page - Infineon Technologies AG TLE4274GV85 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet
8
Rev. 1.7, 2011-01-20
TLE 4274
Typical Performance Characteristics (V50, V85 and V10)
Drop Voltage
V
dr versus
Output Current
I
Q
AED01962
0
0
dr
V
200
400
600
mV
500
300
100
T
j = 125 ˚C
Q
I
100
200
300 mA 400
= 25 ˚C
T
j
Current Consumption
I
q versus
Output Current
I
Q (high load)
AED02267
0
0
Q
I
q
I
10
20
30
40
50
60
100
200
300
400
600
mA
I
V = 13.5 V
mA
= 25 ˚C
T
j
Output Current
I
Q versus
Input Voltage
V
I
AED01963
0
0
V
Q = 0 V
= 25 ˚C
T
j
I
V
Q
I
10
20
30
40
50
V
200
400
600
mA
800
Current Consumption
I
q versus
Output Current
I
Q (low load)
AED02268
0
0
Q
I
q
I
0.1
0.2
0.3
0.4
0.5
0.6
10
20
30
40
mA
60
mA
I
V = 13.5 V
= 25 ˚C
T
j


Similar Part No. - TLE4274GV85

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4274GV85 SIEMENS-TLE4274GV85 Datasheet
81Kb / 13P
   Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4274GV85 INFINEON-TLE4274GV85 Datasheet
207Kb / 16P
   Low Drop Voltage Regulator Output voltage 5 V, 8.5 V or 10 V
Rev. 1.6, 2007-01-23
TLE4274GV85 INFINEON-TLE4274GV85 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
More results

Similar Description - TLE4274GV85

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
L4979DTR-E STMICROELECTRONICS-L4979DTR-E Datasheet
475Kb / 22P
   Low drop voltage regulator
September 2013 Rev 9
logo
Infineon Technologies A...
TLE4296-2 INFINEON-TLE4296-2_11 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
logo
Siemens Semiconductor G...
TLE4276 SIEMENS-TLE4276 Datasheet
158Kb / 16P
   Low-Drop Voltage Regulator
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D Datasheet
268Kb / 10P
   LOW DROP VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276 Datasheet
209Kb / 19P
   Low-Drop Voltage Regulator
Version 2.2 2000-10-11
TLE4266-2 INFINEON-TLE4266-2 Datasheet
209Kb / 11P
   Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
TLE4274 INFINEON-TLE4274_11 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_14 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
logo
STMicroelectronics
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
   LOW-DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com