Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2211AIDRGR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2211AIDRGR
Description  1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2211AIDRGR Datasheet(HTML) 5 Page - Texas Instruments

  OPA2211AIDRGR Datasheet HTML 1Page - Texas Instruments OPA2211AIDRGR Datasheet HTML 2Page - Texas Instruments OPA2211AIDRGR Datasheet HTML 3Page - Texas Instruments OPA2211AIDRGR Datasheet HTML 4Page - Texas Instruments OPA2211AIDRGR Datasheet HTML 5Page - Texas Instruments OPA2211AIDRGR Datasheet HTML 6Page - Texas Instruments OPA2211AIDRGR Datasheet HTML 7Page - Texas Instruments OPA2211AIDRGR Datasheet HTML 8Page - Texas Instruments OPA2211AIDRGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
OPA211
OPA2211
www.ti.com...................................................................................................................................................... SBOS377G – OCTOBER 2006 – REVISED MAY 2009
ELECTRICAL CHARACTERISTICS: VS = ±2.25V to ±18V (continued)
BOLDFACE limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 10kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
Standard Grade
High Grade
OPA211AI, OPA2211AI
OPA211I
(1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
OUTPUT
Voltage Output
VOUT
RL = 10kΩ, AOL ≥ 114dB
(V–) + 0.2
(V+) – 0.2
(V–) + 0.2
(V+) – 0.2
V
RL = 600Ω, AOL ≥ 110dB
(V–) + 0.6
(V+) – 0.6
(V–) + 0.6
(V+) – 0.6
V
IO < 15mA, AOL ≥ 110dB
(V–) + 0.6
(V+) – 0.6
(V–) + 0.6
(V+) – 0.6
V
Short-Circuit Current
ISC
+30/–45
+30/–45
mA
Capacitive Load Drive
CLOAD
See Typical Characteristics
See Typical Characteristics
pF
Open-Loop Output Impedance
ZO
f = 1MHz
5
5
SHUTDOWN
Shutdown Pin Input Voltage
(2)
Device disabled (shutdown)
(V+) – 0.35
(V+) – 0.35
V
Device enabled
(V+) – 3
(V+) – 3
V
Shutdown Pin Leakage Current
1
1
µA
Turn-On Time
(3)
2
2
µs
Turn-Off Time
(3)
3
3
µs
Shutdown Current
Shutdown (disabled)
1
20
1
20
µA
POWER SUPPLY
Specified Voltage
VS
±2.25
±18
±2.25
±18
V
Quiescent Current
IQ
IOUT = 0A
3.6
4.5
3.6
4.5
mA
(per channel)
Over Temperature (per channel)
6
6
mA
TEMPERATURE RANGE
Specified Range
TA
–40
+125
–40
+125
°C
Operating Range
TA
–55
+150
–55
+150
°C
Thermal Resistance
OPA211
SO-8
θ
JA
150
150
°C/W
MSOP-8
θ
JA
200
200
°C/W
DFN-8 (3mm × 3mm)
θ
JA
(4)
65
65
°C/W
θ
JP
20
20
°C/W
OPA2211
SO-8 PowerPAD
θ
JA
(4)
52
52
°C/W
θ
JP
2
2
°C/W
DFN-8 (3mm × 3mm)
θ
JA
(4)
65
65
°C/W
θ
JP
10
10
°C/W
(2)
When disabled, the output assumes a high-impedance state.
(3)
See Typical Characteristic graphs, Figure 41 through Figure 43.
(4)
Typical
θ
JA specification is based on the use of a high-k board.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): OPA211 OPA2211


Similar Part No. - OPA2211AIDRGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2211AIDRGR TI1-OPA2211AIDRGR Datasheet
1Mb / 45P
[Old version datasheet]   Low Power, Precision Operational Amplifier
More results

Similar Description - OPA2211AIDRGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA211 TI1-OPA211 Datasheet
1Mb / 37P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211 TI-OPA211_08 Datasheet
634Kb / 17P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211 TI-OPA211 Datasheet
329Kb / 9P
[Old version datasheet]   1.1nV/Noise, Low Power, Precision Operational Amplifier in Tiny DFN-8 Package
OPA211-EP TI1-OPA211-EP Datasheet
592Kb / 23P
[Old version datasheet]   1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
OPA211-EP TI-OPA211-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
OPA211-HT TI1-OPA211-HT Datasheet
672Kb / 26P
[Old version datasheet]   1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
OPA2211-HT TI-OPA2211-HT_15 Datasheet
420Kb / 22P
[Old version datasheet]   1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
OPA2211-EP TI-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   OPA2211-EP 1.1-nV/?숰z Noise, Low-Power, Precision Operational Amplifier
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   Noise, Low-Power, Precision Operational Amplifier
INA818 TI1-INA818 Datasheet
1Mb / 39P
[Old version datasheet]   35-uV Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com