Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPA65R190C6 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPA65R190C6
Description  650V CoolMOS C6 Power Transistor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA65R190C6 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPA65R190C6 Datasheet HTML 1Page - Infineon Technologies AG IPA65R190C6 Datasheet HTML 2Page - Infineon Technologies AG IPA65R190C6 Datasheet HTML 3Page - Infineon Technologies AG IPA65R190C6 Datasheet HTML 4Page - Infineon Technologies AG IPA65R190C6 Datasheet HTML 5Page - Infineon Technologies AG IPA65R190C6 Datasheet HTML 6Page - Infineon Technologies AG IPA65R190C6 Datasheet HTML 7Page - Infineon Technologies AG IPA65R190C6 Datasheet HTML 8Page - Infineon Technologies AG IPA65R190C6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
650V CoolMOS™ C6 Power Transistor
IPx65R190C6
Thermal characteristics
Final Data Sheet
5
Rev. 2.0, 2011-05-09
3
Thermal characteristics
Table 3
Thermal characteristics non FullPAK
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Thermal resistance, junction - case
R
thJC
-
-
0.83
°C/W
Thermal resistance, junction -
ambient
R
thJA
-
-
62
leaded
Soldering temperature,
wavesoldering only allowed at
leads
T
sold
-
-
260
°C
1.6 mm (0.063 in.)
from case for 10 s
Table 4
Thermal characteristics FullPAK
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Thermal resistance, junction - case
R
thJC
--
3.7
°C/W
Thermal resistance, junction -
ambient
R
thJA
-
-
80
leaded
Soldering temperature,
wavesoldering only allowed at
leads
T
sold
-
-
260
°C
1.6 mm (0.063 in.)
from case for 10 s
Table 5
Thermal characteristics SMD
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Thermal resistance, junction - case
R
thJC
-
-
0.83
°C/W
Thermal resistance, junction -
ambient
R
thJA
-
-
62
SMD version, device
on PCB, minimal
footprint
-
35
-
SMD version, device
on PCB, 6cm
2 cooling
area
1)
1) Device on 40mm*40mm*1.5mm one layer epoxy PCB FR4 with 6cm
2 copper area (thickness 70µm) for drain connection.
PCB is vertical without air stream cooling.
Soldering temperature,
wave- & reflow soldering allowed
T
sold
-
-
260
°C
reflow MSL1


Similar Part No. - IPA65R190C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA65R190C6 INFINEON-IPA65R190C6 Datasheet
2Mb / 19P
   Extremely low losses due to very low FOM Rdson*Qg and Eoss
Rev. 2.0, 2011-05-09
logo
Inchange Semiconductor ...
IPA65R190C6 ISC-IPA65R190C6 Datasheet
261Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - IPA65R190C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB65R280C6 INFINEON-IPB65R280C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-07-26 revision:2.0
IPB65R380C6 INFINEON-IPB65R380C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-10-22 revision:2.0
IPA65R600C6 INFINEON-IPA65R600C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-08-19 revision:2.0
IPW65R070C6 INFINEON-IPW65R070C6 Datasheet
1Mb / 12P
   650V CoolMOS C6 Power Transistor
Rev. 2.0, 2011-03-15
IPB65R310CFD INFINEON-IPB65R310CFD Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPL65R1K0C6S INFINEON-IPL65R1K0C6S Datasheet
1Mb / 14P
   650V CoolMOS™ C6 Power Transistor
Rev. 2.0, 2014-07-08
IPL65R650C6S INFINEON-IPL65R650C6S Datasheet
1Mb / 14P
   650V CoolMOS™ C6 Power Transistor
Rev. 2.0, 2014-07-08
IPA65R190CFDXKSA1 INFINEON-IPA65R190CFDXKSA1 Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD POWER Transistor
2011-05-05 revision:2.2
IPA65R420CFD INFINEON-IPA65R420CFD Datasheet
7Mb / 21P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPX65R310CFD INFINEON-IPX65R310CFD Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com