Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA211AIDRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA211AIDRG4
Description  1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA211AIDRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA211AIDRG4 Datasheet HTML 2Page - Texas Instruments OPA211AIDRG4 Datasheet HTML 3Page - Texas Instruments OPA211AIDRG4 Datasheet HTML 4Page - Texas Instruments OPA211AIDRG4 Datasheet HTML 5Page - Texas Instruments OPA211AIDRG4 Datasheet HTML 6Page - Texas Instruments OPA211AIDRG4 Datasheet HTML 7Page - Texas Instruments OPA211AIDRG4 Datasheet HTML 8Page - Texas Instruments OPA211AIDRG4 Datasheet HTML 9Page - Texas Instruments OPA211AIDRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
TYPICAL CHARACTERISTICS
0.1
100
10
1
Frequency(Hz)
100k
10
1
100
1k
10k
0.1
100
1
Frequency(Hz)
100k
10
1
10
100
1k
10k
0.01
0.1
0.000001
OutputVoltageAmplitude(V
)
RMS
100
0.00001
0.1
1
10
0.0001
0.001
0.01
-60
-160
-140
-120
-100
-80
G=1
G=11
G= 1
-
V = 15V
R =600
1kHzSignal
MeasurementBW=80kHz
S
L
±
W
10
Frequency(Hz)
20k
100
1k
10k
0.001
0.0001
0.00001
-
-
-
100
120
140
V = 15V
±
S
V
=3V
OUT
RMS
MeasurementBW=80kHz
G=1
R =600W
L
G=11
R =600W
L
G= 1
-
R =5kW
L
10
Frequency(Hz)
100k
100
1k
10k
0.001
0.0001
0.00001
-
-
-
100
120
140
V = 15V
±
S
V
=3V
OUT
RMS
MeasurementBW>500kHz
G=1
R =600W
L
G=11
R =600W
L
G= 1
-
R =5kW
L
-
-
-
-
-
-
-
-
-
-
80
90
100
110
120
130
140
150
160
170
180
-
10
Frequency(Hz)
100k
100
1k
10k
V = 15V
±
S
V
=3.5V
IN
RMS
G=1
R =2kW
L
R =600W
L
L
R =5kW
OPA211
OPA2211
SBOS377G – OCTOBER 2006 – REVISED MAY 2009...................................................................................................................................................... www.ti.com
At TA = +25°C, VS = ±18V, and RL = 10kΩ, unless otherwise noted.
INPUT VOLTAGE NOISE DENSITY
INPUT CURRENT NOISE DENSITY
vs FREQUENCY
vs FREQUENCY
Figure 1.
Figure 2.
THD+N RATIO vs FREQUENCY
THD+N RATIO vs OUTPUT VOLTAGE AMPLITUDE
Figure 3.
Figure 4.
THD+N RATIO vs FREQUENCY
CHANNEL SEPARATION vs FREQUENCY
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): OPA211 OPA2211


Similar Part No. - OPA211AIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA211AIDRG4 TI1-OPA211AIDRG4 Datasheet
1Mb / 45P
[Old version datasheet]   Low Power, Precision Operational Amplifier
More results

Similar Description - OPA211AIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA211 TI1-OPA211 Datasheet
1Mb / 37P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211 TI-OPA211_08 Datasheet
634Kb / 17P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211 TI-OPA211 Datasheet
329Kb / 9P
[Old version datasheet]   1.1nV/Noise, Low Power, Precision Operational Amplifier in Tiny DFN-8 Package
OPA211-EP TI1-OPA211-EP Datasheet
592Kb / 23P
[Old version datasheet]   1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
OPA211-EP TI-OPA211-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
OPA211-HT TI1-OPA211-HT Datasheet
672Kb / 26P
[Old version datasheet]   1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
OPA2211-HT TI-OPA2211-HT_15 Datasheet
420Kb / 22P
[Old version datasheet]   1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
OPA2211-EP TI-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   OPA2211-EP 1.1-nV/?숰z Noise, Low-Power, Precision Operational Amplifier
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   Noise, Low-Power, Precision Operational Amplifier
INA818 TI1-INA818 Datasheet
1Mb / 39P
[Old version datasheet]   35-uV Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com