Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPW65R190C6 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPW65R190C6
Description  650V CoolMOS C6 Power Transistor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW65R190C6 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPW65R190C6 Datasheet HTML 1Page - Infineon Technologies AG IPW65R190C6 Datasheet HTML 2Page - Infineon Technologies AG IPW65R190C6 Datasheet HTML 3Page - Infineon Technologies AG IPW65R190C6 Datasheet HTML 4Page - Infineon Technologies AG IPW65R190C6 Datasheet HTML 5Page - Infineon Technologies AG IPW65R190C6 Datasheet HTML 6Page - Infineon Technologies AG IPW65R190C6 Datasheet HTML 7Page - Infineon Technologies AG IPW65R190C6 Datasheet HTML 8Page - Infineon Technologies AG IPW65R190C6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
650V CoolMOS™ C6 Power Transistor
IPx65R190C6
Maximum ratings
Final Data Sheet
4
Rev. 2.0, 2011-05-09
2
Maximum ratings
at
T
j = 25 °C, unless otherwise specified.
Table 2
Maximum ratings
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Continuous drain current
1)
1) Limited by
T
j,max. Maximum duty cycle D=0.75
I
D
--
20.2
A
T
C= 25 °C
12.8
T
C= 100°C
Pulsed drain current
2)
2) Pulse width
t
p limited by Tj,max
I
D,pulse
--
66
A
T
C=25 °C
Avalanche energy, single pulse
E
AS
--
485
mJ
I
D=3.5 A,VDD=50 V
Avalanche energy, repetitive
E
AR
-
-
0.73
I
D=3.5 A,VDD=50 V
Avalanche current, repetitive
I
AR
--
3.5
A
MOSFET dv/dt ruggedness
dv/dt
-
-
50
V/ns
V
DS=0...480 V
Gate source voltage
V
GS
-20
-
20
V
static
-30
30
AC (f>1 Hz)
Power dissipation for
TO-220, TO-247, TO-262, TO-263
P
tot
--
151
W
T
C=25 °C
Power dissipation for
TO-220 FullPAK
P
tot
--
34
Operating and storage temperature
T
j,Tstg
-55
-
150
°C
Mounting torque
TO-220, TO-247
-
-
60
Ncm
M3 and M3.5 screws
Mounting torque
TO-220 FullPAK
50
M2.5 screws
Continuous diode forward current
I
S
--
17.5
A
T
C=25 °C
Diode pulse current
2)
I
S,pulse
--
66
A
T
C=25 °C
Reverse diode dv/dt
3)
3) Identical low side and high side switch with identical
R
G
dv/dt
-
-
15
V/ns
V
DS=0...400 V,ISD ID,
T
j=25 °C
Maximum diode commutation
speed
3)
di
f/dt
500
A/µs


Similar Part No. - IPW65R190C6

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPW65R190C6 ISC-IPW65R190C6 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPW65R190C6 INFINEON-IPW65R190C6 Datasheet
2Mb / 19P
   Extremely low losses due to very low FOM Rdson*Qg and Eoss
Rev. 2.0, 2011-05-09
More results

Similar Description - IPW65R190C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB65R280C6 INFINEON-IPB65R280C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-07-26 revision:2.0
IPB65R380C6 INFINEON-IPB65R380C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-10-22 revision:2.0
IPA65R600C6 INFINEON-IPA65R600C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-08-19 revision:2.0
IPW65R070C6 INFINEON-IPW65R070C6 Datasheet
1Mb / 12P
   650V CoolMOS C6 Power Transistor
Rev. 2.0, 2011-03-15
IPB65R310CFD INFINEON-IPB65R310CFD Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPL65R1K0C6S INFINEON-IPL65R1K0C6S Datasheet
1Mb / 14P
   650V CoolMOS™ C6 Power Transistor
Rev. 2.0, 2014-07-08
IPL65R650C6S INFINEON-IPL65R650C6S Datasheet
1Mb / 14P
   650V CoolMOS™ C6 Power Transistor
Rev. 2.0, 2014-07-08
IPA65R190CFDXKSA1 INFINEON-IPA65R190CFDXKSA1 Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD POWER Transistor
2011-05-05 revision:2.2
IPA65R420CFD INFINEON-IPA65R420CFD Datasheet
7Mb / 21P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPX65R310CFD INFINEON-IPX65R310CFD Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com