Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD031N03M-G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPD031N03M-G
Description  OpiMOS 3 Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD031N03M-G Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPD031N03M-G Datasheet HTML 1Page - Infineon Technologies AG IPD031N03M-G Datasheet HTML 2Page - Infineon Technologies AG IPD031N03M-G Datasheet HTML 3Page - Infineon Technologies AG IPD031N03M-G Datasheet HTML 4Page - Infineon Technologies AG IPD031N03M-G Datasheet HTML 5Page - Infineon Technologies AG IPD031N03M-G Datasheet HTML 6Page - Infineon Technologies AG IPD031N03M-G Datasheet HTML 7Page - Infineon Technologies AG IPD031N03M-G Datasheet HTML 8Page - Infineon Technologies AG IPD031N03M-G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IPD031N03L G
IPS031N03L G
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
I D=f(V GS); |V DS|>2|I D|R DS(on)max
g fs=f(I D); T j=25 °C
parameter: T j
3 V
3.2 V
3.5 V
4 V
4.5 V
5 V
10 V
11.5 V
0
2
4
6
8
10
12
0
2040
6080
100
I D [A]
25 °C
175 °C
0
40
80
120
160
200
012
345
V GS [V]
0
40
80
120
160
200
0
2040
6080
100
I D [A]
2.8 V
3 V
3.2 V
3.5 V
4 V
4.5 V
5 V
10 V
0
40
80
120
160
200
01
23
V DS [V]
Rev. 1.03
page 5
2008-04-15


Similar Part No. - IPD031N03M-G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD031N03L ISC-IPD031N03L Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPD031N03LG INFINEON-IPD031N03LG Datasheet
308Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.1 2010-04-07
More results

Similar Description - IPD031N03M-G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP075N15N3G INFINEON-IPP075N15N3G Datasheet
744Kb / 11P
   3 Power-Transistor
2010-04-19 revision:2.06
IPD320N20N3GBTMA1 INFINEON-IPD320N20N3GBTMA1 Datasheet
514Kb / 9P
   3 Power-Transistor
Rev. 2.3 2011-07-14
IPB027N10N3GATMA1 INFINEON-IPB027N10N3GATMA1 Datasheet
536Kb / 9P
   3 Power-Transistor
2009-12-11 revision:2.4
IPI037N06L3-G INFINEON-IPI037N06L3-G Datasheet
999Kb / 11P
   OptiMOS 3 Power-Transistor
2009-12-16 rev 2.7
IPA057N06N3-G INFINEON-IPA057N06N3-G Datasheet
551Kb / 9P
   OptiMOS 3 Power-Transistor
2010-05-03 revision:2.0
IPB107N20N3G INFINEON-IPB107N20N3G_10 Datasheet
739Kb / 11P
   OptiMOS 3 Power-Transistor
2010-11-03 revision:2.2
BSZ160N10N3SG INFINEON-BSZ160N10N3SG Datasheet
458Kb / 9P
   OptiMOSTM 3 Power-Transistor
Rev.1.2 2009-11-12
IPP062NE7N3G INFINEON-IPP062NE7N3G Datasheet
544Kb / 9P
   OptiMOS??3 Power-Transistor
2010-04-12 revision:2.0
BSZ240N12NS3G INFINEON-BSZ240N12NS3G Datasheet
518Kb / 9P
   OptiMOSTM 3 Power-Transistor
Rev.2.0 2010-07-08
IPP075N15N3GXKSA1 INFINEON-IPP075N15N3GXKSA1 Datasheet
744Kb / 11P
   OptiMOS 3 Power-Transistor
2010-04-19 revision:2.06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com