Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD540N22K Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # DD540N22K
Description  Netz-Dioden-Modul Rectifier Diode Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DD540N22K Datasheet(HTML) 2 Page - Infineon Technologies AG

  DD540N22K Datasheet HTML 1Page - Infineon Technologies AG DD540N22K Datasheet HTML 2Page - Infineon Technologies AG DD540N22K Datasheet HTML 3Page - Infineon Technologies AG DD540N22K Datasheet HTML 4Page - Infineon Technologies AG DD540N22K Datasheet HTML 5Page - Infineon Technologies AG DD540N22K Datasheet HTML 6Page - Infineon Technologies AG DD540N22K Datasheet HTML 7Page - Infineon Technologies AG DD540N22K Datasheet HTML 8Page - Infineon Technologies AG DD540N22K Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
N
Netz-Dioden-Modul
Rectifier Diode Module
Datenblatt / Data sheet
DD540N
BIP AC / 95-04-21, K.-A. Rüther
A109/95
2/9
Seite/page
Mechanische Eigenschaften
Mit diesem Datenblatt werden Halbleiterbauelemente spezifiziert, jedoch keine Eigenschaften zugesichert. Sie gilt in
Verbindung mit den zugehörigen technischen Erläuterungen.
This data sheet specifies semiconductor devices, but promises no characteristics. It is valid in combination with the belonging
technical notes.
Mechanische Eigenschaften / Mechanical properties
Gehäuse, siehe Anlage
case, see annex
Seite 3
page 3
Si-Element mit Druckkontakt
Si-pellet with pressure contact
Innere Isolation
internal insulation
AlN
Anzugsdrehmoment für mechanische Anschlüsse
mounting torque
Toleranz ±15%
M1
6
Nm
Anzugsdrehmoment für elektrische Anschlüsse
terminal connection torque
Toleranz ±10%
M2
12
Nm
Gewicht
weight
G
typ.
1500 g
Kriechstrecke
creepage distance
19 mm
Schwingfestigkeit
vibration resistance
f = 50 Hz
50 m/s²
file-No.
E 83336


Similar Part No. - DD540N22K

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DD540N22K ISC-DD540N22K Datasheet
340Kb / 2P
   Diode Rectifier Module
More results

Similar Description - DD540N22K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DD261N22K INFINEON-DD261N22K Datasheet
261Kb / 11P
   Netz-Dioden-Modul Rectifier Diode Module
14.08.03 revision:2
DD390N22S INFINEON-DD390N22S Datasheet
472Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2022-06-27 Revision 3.3
DD171N16K INFINEON-DD171N16K Datasheet
546Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2011-03-01 revision:3.0
DD220N16S INFINEON-DD220N16S Datasheet
448Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2018-03-21 Revision 3.1
logo
eupec GmbH
DD285N EUPEC-DD285N Datasheet
241Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
logo
Infineon Technologies A...
DD171N12K INFINEON-DD171N12K Datasheet
546Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2011-03-01 revision:3.0
DD89N12K INFINEON-DD89N12K Datasheet
231Kb / 11P
   Netz-Dioden-Modul Rectifier Diode Module
29.04.03 revision:1
DD171N INFINEON-DD171N Datasheet
583Kb / 9P
   Netz-Dioden-Modul Rectifier Diode Module
2011-03-01 revision:3.0
DD104N INFINEON-DD104N Datasheet
231Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
Ver 1 29.04.03
DD160N INFINEON-DD160N Datasheet
206Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2009-02-11 revision:1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com