Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7241A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7241A
Description  1-Mbps QUAD DIGITAL ISOLATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7241A Datasheet(HTML) 1 Page - Texas Instruments

  ISO7241A Datasheet HTML 1Page - Texas Instruments ISO7241A Datasheet HTML 2Page - Texas Instruments ISO7241A Datasheet HTML 3Page - Texas Instruments ISO7241A Datasheet HTML 4Page - Texas Instruments ISO7241A Datasheet HTML 5Page - Texas Instruments ISO7241A Datasheet HTML 6Page - Texas Instruments ISO7241A Datasheet HTML 7Page - Texas Instruments ISO7241A Datasheet HTML 8Page - Texas Instruments ISO7241A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
2
3
4
5
6
7
8
ISO7240A
9
10
11
12
13
14
15
16
NC
INA
GND1
VCC1
GND1
GND2
GND2
INB
INC
OUTA
OUTC
OUTB
EN
VCC2
IND
OUTD
1
2
3
4
5
6
7
8
ISO7241A
9
10
11
12
13
14
15
16
INA
GND1
VCC1
GND1
GND2
GND2
INB
INC
OUTA
OUTC
OUTB
VCC2
IND
OUTD
EN2
EN1
1
2
3
4
5
6
7
8
ISO7242A
9
10
11
12
13
14
15
16
INA
GND1
VCC1
GND1
GND2
GND2
INB
OUTA
OUTB
VCC2
IND
OUTD
EN2
EN1
OUTC
INC
ISO7240A
ISO7241A
ISO7242A
www.ti.com
SLLS905E – MAY 2008 – REVISED JANUARY 2010
1-Mbps QUAD DIGITAL ISOLATORS
Check for Samples: ISO7240A, ISO7241A, ISO7242A
1
FEATURES
4000-Vpeak Isolation, 560-Vpeak VIORM
APPLICATIONS
Industrial Fieldbus
UL 1577 , IEC 60747-5-2 (VDE 0884, Rev 2),
Computer Peripheral Interface
IEC 61010-1, IEC 60950-1 and CSA
Approved
Servo Control Interface
Data Acquisition
4 kV ESD Protection
Operate With 3.3-V or 5-V Supplies
Typical 25-Year Life at Rated Working Voltage
(See Application Note (SLLA197 ) and
Figure 10)
High Electromagnetic Immunity
(See Application Report (SLLA181))
–40°C to 125°C Operating Range
DESCRIPTION
See the Product Notification section. The ISO7240A, ISO7241A and ISO7242A are quad-channel digital isolators
with multiple channel configurations and output enable functions. These devices have logic input and output
buffers separated by TI’s silicon dioxide (SiO2) isolation barrier. Used in conjunction with isolated power supplies,
these devices block high voltage, isolate grounds, and prevent noise currents from entering the local ground and
interfering with or damaging sensitive circuitry.
The ISO7240A has all four channels in the same direction while the ISO7241A has three channels the same
direction and one channel in opposition. The ISO7242A has two channels in each direction.
The devices have TTL input thresholds and a noise-filter at the input that prevents transient pulses from being
passed to the output of the device.
A periodic update pulse is sent across the barrier to ensure the proper dc level of the output. If this dc-refresh
pulse is not received, the input is assumed to be unpowered or not being actively driven, and the failsafe circuit
drives the output to a logic high state. (See ISO7240CF (SLLS869) or contact TI for a logic low failsafe option).
These devices may be powered from either 3.3-V or 5-V supplies on either side in any 3.3-V / 3.3-V, 5-V / 5-V,
5-V / 3.3-V, or 3.3-V / 5-V combination. Note that the signal input pins are 5-V tolerant regardless of the voltage
supply level being used.
These devices are characterized for operation over the ambient temperature range of –40°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.
Not Recommended for New Designs


Similar Part No. - ISO7241A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7241A TI-ISO7241A Datasheet
767Kb / 25P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7241A-EP TI1-ISO7241A-EP Datasheet
450Kb / 17P
[Old version datasheet]   1-Mbps QUAD DIGITAL ISOLATORS
ISO7241ADW TI-ISO7241ADW Datasheet
755Kb / 23P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7241ADW TI-ISO7241ADW Datasheet
767Kb / 25P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7241ADWR TI-ISO7241ADWR Datasheet
755Kb / 23P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
More results

Similar Description - ISO7241A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7241A-EP TI1-ISO7241A-EP Datasheet
450Kb / 17P
[Old version datasheet]   1-Mbps QUAD DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI86XX SKYWORKS-SI86XX Datasheet
664Kb / 47P
   1 Mbps, 2.5 kVRMS Digital Isolators
Revision 1.03
logo
Texas Instruments
ISO7240 TI-ISO7240 Datasheet
755Kb / 23P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7240 TI-ISO7240_1 Datasheet
767Kb / 25P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
logo
Analog Devices
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440_11 Datasheet
323Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. B
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com