Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS410E2E3062A Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BTS410E2E3062A
Description  Smart Highside Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS410E2E3062A Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BTS410E2E3062A Datasheet HTML 2Page - Infineon Technologies AG BTS410E2E3062A Datasheet HTML 3Page - Infineon Technologies AG BTS410E2E3062A Datasheet HTML 4Page - Infineon Technologies AG BTS410E2E3062A Datasheet HTML 5Page - Infineon Technologies AG BTS410E2E3062A Datasheet HTML 6Page - Infineon Technologies AG BTS410E2E3062A Datasheet HTML 7Page - Infineon Technologies AG BTS410E2E3062A Datasheet HTML 8Page - Infineon Technologies AG BTS410E2E3062A Datasheet HTML 9Page - Infineon Technologies AG BTS410E2E3062A Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
BTS 410 E2
Semiconductor Group
6
2003-Oct-01
Truth Table
Input-
Output
Status
level
level
412
B2
410
D2
410
E2/F2
410
G2
410
H2
Normal
operation
L
H
L
H
H
H
H
H
H
H
H
H
H
H
Open load
L
H
13)
H
L
H
H
L
H
L
H
L
L
H
Short circuit
to GND
L
H
L
L
H
L
H
L
H
L
H
H
H
L
Short circuit
to Vbb
L
H
H
H
L
H
H
H (L14))
H
H (L14))
H
H (L14))
L
H
Overtem-
perature
L
H
L
L
L
L
L
L
L
L
L
L
L
L
Under-
voltage
L
H
L
L
L15)
L15)
L15)
L15)
H
H
H
H
H
H
Overvoltage
L
H
L
L
L
L
L
L
H
H
H
H
H
H
L = "Low" Level
X = don't care
Z = high impedance, potential depends on external circuit
H = "High" Level
Status signal after the time delay shown in the diagrams (see fig 5. page 12...13)
13
) Power Transistor off, high impedance, versions BTS 410H, BTS 412B: internal pull up current source for
open load detection.
14
) Low resistance short V
bb to output may be detected in ON-state by the no-load-detection
15
) No current sink capability during undervoltage shutdown
Terms
PROFET
V
IN
ST
OUT
GND
bb
VST
V
IN
IST
IIN
V
bb
Ibb
IL
VOUT
IGND
VON
1
2
4
3
5
R
GND
Input circuit (ESD protection)
IN
GND
I
R
ZD
ZD
I
I
I1
I2
ESD-
ZDI1 6 V typ., ESD zener diodes are not to be used as
voltage clamp at DC conditions. Operation in this mode
may result in a drift of the zener voltage (increase of up
to 1 V).


Similar Part No. - BTS410E2E3062A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS410E2 SIEMENS-BTS410E2 Datasheet
168Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
logo
Infineon Technologies A...
BTS410E2 INFINEON-BTS410E2 Datasheet
321Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS410E2 INFINEON-BTS410E2 Datasheet
418Kb / 15P
   Fast demagnetization of inductive loads
2013-10-15
BTS410E2 INFINEON-BTS410E2_13 Datasheet
418Kb / 15P
   Fast demagnetization of inductive loads
2013-10-15
More results

Similar Description - BTS410E2E3062A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS307 INFINEON-BTS307 Datasheet
273Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS443P INFINEON-BTS443P Datasheet
225Kb / 13P
   Smart Highside Power Switch
2003-Oct-01
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2_99 Datasheet
306Kb / 14P
   Smart Highside Power Switch
22.03.99
BTS6163D INFINEON-BTS6163D_07 Datasheet
280Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-07-23
BTS426L1 INFINEON-BTS426L1 Datasheet
327Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6133D INFINEON-BTS6133D Datasheet
257Kb / 15P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com