Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS410E2E3062A Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS410E2E3062A
Description  Smart Highside Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS410E2E3062A Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS410E2E3062A Datasheet HTML 1Page - Infineon Technologies AG BTS410E2E3062A Datasheet HTML 2Page - Infineon Technologies AG BTS410E2E3062A Datasheet HTML 3Page - Infineon Technologies AG BTS410E2E3062A Datasheet HTML 4Page - Infineon Technologies AG BTS410E2E3062A Datasheet HTML 5Page - Infineon Technologies AG BTS410E2E3062A Datasheet HTML 6Page - Infineon Technologies AG BTS410E2E3062A Datasheet HTML 7Page - Infineon Technologies AG BTS410E2E3062A Datasheet HTML 8Page - Infineon Technologies AG BTS410E2E3062A Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
BTS 410 E2
Semiconductor Group
3
2003-Oct-01
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
at Tj = 25 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Load Switching Capabilities and Characteristics
On-state resistance (pin 3 to 5)
IL = 1.6 A
Tj=25 °C:
Tj=150 °C:
RON
--
190
390
220
440
m
Nominal load current, ISO Norm (pin 3 to 5)
VON = 0.5 V, TC = 85 °C
IL(ISO)
1.6
1.8
--
A
Output current (pin 5) while GND disconnected or
GND pulled up, Vbb=30 V, VIN= 0, see diagram
page 7, Tj =-40...+150°C
IL(GNDhigh)
--
--
1
mA
Turn-on time
IN
to 90% VOUT:
Turn-off time
IN
to 10% VOUT:
RL = 12
, Tj =-40...+150°C
ton
toff
12
5
--
--
125
85
µs
Slew rate on
10 to 30% VOUT, RL = 12
, Tj =-40...+150°C
dV /dton
--
--
3
V/
µs
Slew rate off
70 to 40% VOUT, RL = 12
, Tj =-40...+150°C
-dV/dtoff
--
--
6
V/
µs
Operating Parameters
Operating voltage 6)
Tj =-40...+150°C: Vbb(on)
4.7
--
42
V
Undervoltage shutdown
Tj =25°C:
Tj =-40...+150°C:
Vbb(under)
2.9
2.7
--
--
4.5
4.7
V
Undervoltage restart
Tj =-40...+150°C: Vbb(u rst)
--
--
4.9
V
Undervoltage restart of charge pump
see diagram page 13
Vbb(ucp)
--
5.6
6.0
V
Undervoltage hysteresis
∆V
bb(under) = Vbb(u rst) - Vbb(under)
∆V
bb(under)
--
0.1
--
V
Overvoltage shutdown
Tj =-40...+150°C: Vbb(over)
42
--
52
V
Overvoltage restart
Tj =-40...+150°C: Vbb(o rst)
40
--
--
V
Overvoltage hysteresis
Tj =-40...+150°C: ∆Vbb(over)
--
0.1
--
V
Overvoltage protection7)
Tj =-40...+150°C:
Ibb=4 mA
Vbb(AZ)
65
70
--
V
Standby current (pin 3)
Tj=-40...+25°C:
VIN=0
Tj= 150°C:
Ibb(off)
--
--
10
18
15
25
µA
Leakage output current (included in Ibb(off))
VIN=0
IL(off)
--
--
20
µA
Operating current (Pin 1)8), VIN=5 V,
Tj =-40...+150°C
IGND
--
1
2.1
mA
6
)
At supply voltage increase up to Vbb= 5.6 V typ without charge pump, VOUT ≈Vbb - 2 V
7)
Meassured without load. See also VON(CL) in table of protection functions and circuit diagram page 7.


Similar Part No. - BTS410E2E3062A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS410E2 SIEMENS-BTS410E2 Datasheet
168Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
logo
Infineon Technologies A...
BTS410E2 INFINEON-BTS410E2 Datasheet
321Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS410E2 INFINEON-BTS410E2 Datasheet
418Kb / 15P
   Fast demagnetization of inductive loads
2013-10-15
BTS410E2 INFINEON-BTS410E2_13 Datasheet
418Kb / 15P
   Fast demagnetization of inductive loads
2013-10-15
More results

Similar Description - BTS410E2E3062A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS307 INFINEON-BTS307 Datasheet
273Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS443P INFINEON-BTS443P Datasheet
225Kb / 13P
   Smart Highside Power Switch
2003-Oct-01
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2_99 Datasheet
306Kb / 14P
   Smart Highside Power Switch
22.03.99
BTS6163D INFINEON-BTS6163D_07 Datasheet
280Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-07-23
BTS426L1 INFINEON-BTS426L1 Datasheet
327Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6133D INFINEON-BTS6133D Datasheet
257Kb / 15P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com