Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS84P-L6327 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BSS84P-L6327
Description  SIPMOS Small-Signal-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSS84P-L6327 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSS84P-L6327 Datasheet HTML 1Page - Infineon Technologies AG BSS84P-L6327 Datasheet HTML 2Page - Infineon Technologies AG BSS84P-L6327 Datasheet HTML 3Page - Infineon Technologies AG BSS84P-L6327 Datasheet HTML 4Page - Infineon Technologies AG BSS84P-L6327 Datasheet HTML 5Page - Infineon Technologies AG BSS84P-L6327 Datasheet HTML 6Page - Infineon Technologies AG BSS84P-L6327 Datasheet HTML 7Page - Infineon Technologies AG BSS84P-L6327 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2011-06-01
Rev 2.5
Page 5
BSS 84 P
5 Typ. output characteristic
ID = f (VDS)
parameter: Tj = 25 °C
0
-0.5
-1
-1.5
-2
-2.5
-3
-3.5
-4
V
-5
VDS
0
-0.04
-0.08
-0.12
-0.16
-0.2
-0.24
-0.28
-0.32
A
-0.4
BSS 84 P
V
GS
[V]
a
a
-2.5
b
b
-3.0
c
c
-3.5
d
d
-4.0
e
e
-4.5
f
f
-5.0
g
g
-5.5
h
h
-6.0
i
i
-6.5
j
j
-7.0
k
k
-8.0
l
Ptot = 0.36W
l
-10.0
6 Typ. drain-source on resistance
RDS(on) = f (ID)
parameter: VGS; Tj = 25 °C
0
-0.04 -0.08 -0.12 -0.16 -0.2 -0.24 -0.28 -0.32
A -0.38
ID
0
2
4
6
8
10
12
14
16
18
20
22
W
26
BSS 84 P
VGS [V] =
a
a
-2.5
b
b
-3.0
c
c
-3.5
d
d
-4.0
e
e
-4.5
f
f
-5.0
g
g
-5.5
h
h
-6.0
i
i
-6.5
j
j
-7.0
k
k
-8.0
l
l
-10.0
7 Typ. transfer characteristics
ID= f ( VGS ); |VDS|³ 2 x |ID| x RDS(on)max
parameter: Tj = 25 °C
0
1
2
3
4
V
6
- VGS
0
0.05
0.1
0.15
0.2
0.25
0.3
A
0.4
8 Typ. forward transconductance
gfs = f(ID)
parameter: Tj = 25 °C
0
0.04
0.08
0.12
0.16
A
0.22
-ID
0
0.02
0.04
0.06
0.08
0.1
0.12
S
0.16


Similar Part No. - BSS84P-L6327

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS84P INFINEON-BSS84P Datasheet
88Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-09-04
BSS84P INFINEON-BSS84P Datasheet
139Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 2.4 2006-12-05
BSS84PW INFINEON-BSS84PW Datasheet
80Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSS84P INFINEON-BSS84P_06 Datasheet
139Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 2.4 2006-12-05
More results

Similar Description - BSS84P-L6327

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-01-16
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-26
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com