Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL-504BGC2E-G3-3BC Datasheet(PDF) 4 Page - Lucky Light Electronic

Part # LL-504BGC2E-G3-3BC
Description  5mm Round Standard Type Bluish Green LED Technical Data Sheet
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-504BGC2E-G3-3BC Datasheet(HTML) 4 Page - Lucky Light Electronic

  LL-504BGC2E-G3-3BC Datasheet HTML 1Page - Lucky Light Electronic LL-504BGC2E-G3-3BC Datasheet HTML 2Page - Lucky Light Electronic LL-504BGC2E-G3-3BC Datasheet HTML 3Page - Lucky Light Electronic LL-504BGC2E-G3-3BC Datasheet HTML 4Page - Lucky Light Electronic LL-504BGC2E-G3-3BC Datasheet HTML 5Page - Lucky Light Electronic LL-504BGC2E-G3-3BC Datasheet HTML 6Page - Lucky Light Electronic LL-504BGC2E-G3-3BC Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Luckylight
Spec No.: B508 X335
Rev No.: V.2
Date: Sep/26/2005
Page: 4 OF 7
Approved: JoJo
Checked: Wu
Drawn: YAO
Lucky Light Electronics Co., Ltd.
Http://www.luckylightled.com
Absolute Maximum Ratings at Ta=25℃
Parameters
Symbol
Max.
Unit
Power Dissipation
PD
120
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
IFP
100
mA
Forward Current
IF
30
mA
Reverse Voltage
VR
5
V
Operating Temperature Range
Topr
-40℃ to +85℃
Storage Temperature Range
Tstg
-40℃ to +100℃
Lead Soldering Temperature
[4mm (.157″) From Body]
Tsld
260℃ for 5 Seconds
Electrical Optical Characteristics at Ta=25℃
Parameters
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity *
IV
3800 6500
---
mcd
IF=20mA (Note 1)
Viewing Angle *
1/2
---
15
---
Deg
IF=20mA (Note 2)
Peak Emission Wavelength
λp
---
500
---
nm
IF=20mA
Dominant Wavelength
λd
---
505
---
nm
IF=20mA (Note 3)
Spectral Line Half-Width
λ
---
30
---
nm
IF=20mA
Forward Voltage
VF
2.80
3.20
4.00
V
IF=20mA
Reverse Current
IR
---
---
10
µA
VR=5V
Notes:
1. Luminous Intensity Measurement allowance is ± 10%.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous
intensity.
3. The dominant wavelength (λd) is derived from the CIE chromaticity diagram and
represents the single wavelength which defines the color of the device.


Similar Part No. - LL-504BGC2E-G3-3BC

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-504BGC2E-G3-3FC LUCKY-LIGHT-LL-504BGC2E-G3-3FC Datasheet
137Kb / 7P
   5mm Round Standard Type Bluish Green LED Technical Data Sheet
More results

Similar Description - LL-504BGC2E-G3-3BC

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-504BGC2V-G3-1BD LUCKY-LIGHT-LL-504BGC2V-G3-1BD Datasheet
137Kb / 7P
   5mm Round Standard Type Bluish Green LED Technical Data Sheet
LL-504BGC2E-G3-3FC LUCKY-LIGHT-LL-504BGC2E-G3-3FC Datasheet
137Kb / 7P
   5mm Round Standard Type Bluish Green LED Technical Data Sheet
LL-504BGC2V-G3-3BD LUCKY-LIGHT-LL-504BGC2V-G3-3BD Datasheet
138Kb / 7P
   5mm Round Standard Type Bluish Green LED Technical Data Sheet
LL-504BGC2E-G3-1BC LUCKY-LIGHT-LL-504BGC2E-G3-1BC Datasheet
137Kb / 7P
   5mm Round Standard Type Bluish Green LED Technical Data Sheet
LL-504BGC2V-G3-3FD LUCKY-LIGHT-LL-504BGC2V-G3-3FD Datasheet
138Kb / 7P
   5mm Round Standard Type Bluish Green LED Technical Data Sheet
LL-504BGC1E-G3-3F LUCKY-LIGHT-LL-504BGC1E-G3-3F Datasheet
138Kb / 7P
   5mm Cylindrical Type Bluish Green LED Technical Data Sheet
LL-504BGC1E-G3-1B LUCKY-LIGHT-LL-504BGC1E-G3-1B Datasheet
138Kb / 7P
   5mm Cylindrical Type Bluish Green LED Technical Data Sheet
LL-504BGC1E-G3-3B LUCKY-LIGHT-LL-504BGC1E-G3-3B Datasheet
138Kb / 7P
   5mm Cylindrical Type Bluish Green LED Technical Data Sheet
LL-504PGC2E-G5-3GC LUCKY-LIGHT-LL-504PGC2E-G5-3GC Datasheet
138Kb / 7P
   5mm Round Standard Type Pure Green LED Technical Data Sheet
LL-504PGC2V-G5-3BD LUCKY-LIGHT-LL-504PGC2V-G5-3BD Datasheet
136Kb / 7P
   5mm Round Standard Type Pure Green LED Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com