Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IA82050 Datasheet(PDF) 5 Page - InnovASIC, Inc

Part # IA82050
Description  Asynchronous Serial Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82050 Datasheet(HTML) 5 Page - InnovASIC, Inc

  IA82050 Datasheet HTML 1Page - InnovASIC, Inc IA82050 Datasheet HTML 2Page - InnovASIC, Inc IA82050 Datasheet HTML 3Page - InnovASIC, Inc IA82050 Datasheet HTML 4Page - InnovASIC, Inc IA82050 Datasheet HTML 5Page - InnovASIC, Inc IA82050 Datasheet HTML 6Page - InnovASIC, Inc IA82050 Datasheet HTML 7Page - InnovASIC, Inc IA82050 Datasheet HTML 8Page - InnovASIC, Inc IA82050 Datasheet HTML 9Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
IA82050
Data Sheet
Asynchronous Serial Controller
February 25, 2011
IA211030617-08
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 5 of 22
1-888-824-4184
®
1.
Features
Form, Fit and Function Compatible with the Intel 82050
Packaging options available: 28-Pin Plastic DIP and 28-Lead Plastic Leaded Chip
Carrier (see Figure 1, Package Pinout)
Asynchronous Serial Channel Operation
Separate Transmit and Receive FIFOs with Programmable Threshold
Programmable Baud Rate Generator up to 288K Baud
Special Protocol Features
– Loopback Modes
– 5- to 8-Bit Character Format
The IA82050 is a "plug-and-play" drop-in replacement for the original IC. Innovasic produces
replacement ICs using its MILES
TM, or Managed IC Lifetime Extension System, cloning
technology. This technology produces replacement ICs far more complex than "emulation"
while ensuring they are compatible with the original IC. MILES
TM captures the design of a
clone so it can be produced even as silicon technology advances. MILES
TM also verifies the
clone against the original IC so that even the "undocumented features" are duplicated. This data
sheet documents all necessary engineering information about the IA82050 including functional
and I/O descriptions, electrical characteristics and applicable timing.


Similar Part No. - IA82050

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA82050 INNOVASIC-IA82050 Datasheet
57Kb / 11P
   ASYNCHRONOUS SERIAL CONTROLLER
IA82050-PDW28C-01 INNOVASIC-IA82050-PDW28C-01 Datasheet
57Kb / 11P
   ASYNCHRONOUS SERIAL CONTROLLER
IA82050-PDW28I-01 INNOVASIC-IA82050-PDW28I-01 Datasheet
57Kb / 11P
   ASYNCHRONOUS SERIAL CONTROLLER
IA82050-PLC28C-01 INNOVASIC-IA82050-PLC28C-01 Datasheet
57Kb / 11P
   ASYNCHRONOUS SERIAL CONTROLLER
IA82050-PLC28I-01 INNOVASIC-IA82050-PLC28I-01 Datasheet
57Kb / 11P
   ASYNCHRONOUS SERIAL CONTROLLER
More results

Similar Description - IA82050

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA82510 INNOVASIC-IA82510_11 Datasheet
374Kb / 25P
   Asynchronous Serial Controller
logo
Intel Corporation
M82510 INTEL-M82510 Datasheet
463Kb / 40P
   ASYNCHRONOUS SERIAL CONTROLLER
logo
InnovASIC, Inc
IA82510 INNOVASIC-IA82510 Datasheet
76Kb / 14P
   ASYNCHRONOUS SERIAL CONTROLLER
IA82050 INNOVASIC-IA82050 Datasheet
57Kb / 11P
   ASYNCHRONOUS SERIAL CONTROLLER
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
   Asynchronous Boost Controller
logo
STMicroelectronics
ST72344XX STMICROELECTRONICS-ST72344XX Datasheet
1Mb / 247P
   SCI asynchronous serial interface
July 2012 Rev 6
logo
Intel Corporation
82050 INTEL-82050 Datasheet
834Kb / 14P
   ASYNCHRONOUS COMMUICATIONS CONTROLLER
logo
STMicroelectronics
ST72325XXX STMICROELECTRONICS-ST72325XXX Datasheet
2Mb / 243P
   SCI asynchronous serial interface
August 2010 Rev 3
logo
Global Mixed-mode Techn...
G5320 GMT-G5320 Datasheet
66Kb / 1P
   Asynchronous Voltage Mode Controller
logo
Major-Power Technology ...
MA5821 MPOWER-MA5821 Datasheet
172Kb / 2P
   58V Asynchronous Buck Controller
Rev.1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com