Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSP452-E6327 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BSP452-E6327
Description  miniPROFET BSP 452
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP452-E6327 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BSP452-E6327 Datasheet HTML 1Page - Infineon Technologies AG BSP452-E6327 Datasheet HTML 2Page - Infineon Technologies AG BSP452-E6327 Datasheet HTML 3Page - Infineon Technologies AG BSP452-E6327 Datasheet HTML 4Page - Infineon Technologies AG BSP452-E6327 Datasheet HTML 5Page - Infineon Technologies AG BSP452-E6327 Datasheet HTML 6Page - Infineon Technologies AG BSP452-E6327 Datasheet HTML 7Page - Infineon Technologies AG BSP452-E6327 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
miniPROFET® BSP 452
Data Book
4
20.08.96
Parameter and Conditions
Symbol
Values
Unit
at
Tj = 25 °C, Vbb = 13.5V unless otherwise specified
min
typ
max
Operating Parameters
Operating voltage
8)
Tj =-40...+150°C
Vbb(on)
5.0
--
34
V
Undervoltage shutdown
Tj =-40...+150°C Vbb(under)
3.5
--
5
V
Undervoltage restart
Tj =-40...+25°C
Tj =+150°C
Vbb(u rst)
--
--
6.5
7.0
V
Undervoltage restart of charge pumpe
see diagram page 7
Vbb(ucp)
--
5.6
7
V
Undervoltage hysteresis
V
bb(under) = Vbb(u rst) - Vbb(under)
V
bb(under)
--
0.3
--
V
Overvoltage shutdown
Tj =-40...+150°C
Vbb(over)
34
--
42
V
Overvoltage restart
Tj =-40...+150°C
Vbb(o rst)
33
--
--
V
Overvoltage hysteresis
Tj =-40...+150°C
V
bb(over)
--
0.7
--
V
Standby current (pin 4),
Vin = low Tj =-40...+150°C Ibb(off)
--
10
25
µA
Operating current (pin 2),
Vin = 5 V
IGND
--
1
1.6
mA
leakage current (pin 1)
Vin = low
Tj =-40...+25°C
Tj =150°C
IL(off)
--
2
5
7
µA
Protection Functions
Current limit (pin 4 to 1)
Tj = 25°C
Vbb = 20V
Tj = -40...+150°C
IL(SC)
0.7
0.7
1.5
--
2
2.4
A
Overvoltage protection
Ibb=4mA Tj =-40...+150°C Vbb(AZ)
41
--
--
V
Output clamp (ind. load switch off)
at
V
OUT=Vbb-VON(CL), Ibb = 4mA
VON(CL)
41
47
--
V
Thermal overload trip temperature
Tjt
150
--
--
°C
Thermal hysteresis
∆T
jt
--
10
--
K
Inductive load switch-off energy dissipation
9)
Tj Start = 150 °C, single pulse, IL = 0.5 A, Vbb = 12 V
(not tested, specified by design)
EAS
--
--
0.5
J
Reverse battery (pin 4 to 2)
10)
(not tested, specified by design)
-
Vbb
--
--
30
V
8) At supply voltage increase up to Vbb= 5.6 V typ without charge pump, VOUT ≈Vbb - 2 V
9) While demagnetizing load inductance, dissipated energy in PROFET is EAS= ∫ VON(CL) * iL(t) dt, approx.
EAS= 1/2 * L * I
2
L
* (
VON(CL)
VON(CL) - Vbb
)
10) Requires 150 Ω resistor in GND connection. Reverse load current (through intrinsic drain-source diode) is normally limited by the
connected load.
7


Similar Part No. - BSP452-E6327

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP452 SIEMENS-BSP452 Datasheet
69Kb / 8P
   MiniPROFET (High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
logo
Infineon Technologies A...
BSP452 INFINEON-BSP452 Datasheet
919Kb / 8P
   MiniPROFET(N-channel vertical power FET with charge pump)
20.08.96
BSP452 INFINEON-BSP452 Datasheet
189Kb / 10P
   Smart High-Side Power Switch
V1.0, 2007-05-25
BSP452 INFINEON-BSP452_07 Datasheet
189Kb / 10P
   Smart High-Side Power Switch
V1.0, 2007-05-25
More results

Similar Description - BSP452-E6327

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2967219 PHOENIX-2967219 Datasheet
120Kb / 3P
   PLC-BSP- 24DC/21
2967183 PHOENIX-2967183 Datasheet
116Kb / 9P
   Relay socket - PLC-BSP-230UC/21
logo
Cynergy3 Co
SSF214 CYNERGY3-SSF214 Datasheet
1Mb / 1P
   Compact internal mount via BSP thread
logo
PHOENIX CONTACT
2967170 PHOENIX-2967170 Datasheet
116Kb / 9P
   Relay socket - PLC-BSP-230UC/ 1/SEN
2980351 PHOENIX-2980351 Datasheet
88Kb / 4P
   Relay base - PLC-BSP-120UC/21/SO46
2967332 PHOENIX-2967332 Datasheet
116Kb / 9P
   Relay socket - PLC-BSP- 60DC/21
2912345 PHOENIX-2912345 Datasheet
59Kb / 4P
   Relay socket - PLC-BSP- 24DC/21HC
2967167 PHOENIX-2967167 Datasheet
117Kb / 10P
   Relay socket - PLC-BSP-120UC/21
2967329 PHOENIX-2967329 Datasheet
116Kb / 9P
   Relay socket - PLC-BSP- 48DC/21
2967154 PHOENIX-2967154 Datasheet
116Kb / 9P
   Relay socket - PLC-BSP-120UC/ 1/SEN
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com