Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC860BW Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BC860BW
Description  PNP Silicon AF Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC860BW Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BC860BW Datasheet HTML 3Page - Infineon Technologies AG BC860BW Datasheet HTML 4Page - Infineon Technologies AG BC860BW Datasheet HTML 5Page - Infineon Technologies AG BC860BW Datasheet HTML 6Page - Infineon Technologies AG BC860BW Datasheet HTML 7Page - Infineon Technologies AG BC860BW Datasheet HTML 8Page - Infineon Technologies AG BC860BW Datasheet HTML 9Page - Infineon Technologies AG BC860BW Datasheet HTML 10Page - Infineon Technologies AG BC860BW Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
2011-09-19
10
BC857...-BC860...
Package TSLP-3-1
2
3
1
0.4
+0.1
BFR193L3
Type code
Pin 1 marking
Laser marking
0.76
4
0.5
Pin 1
marking
Reel ø180 mm = 15.000 Pieces/Reel
For board assembly information please refer to Infineon website "Packages"
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Stencil apertures
Copper
Solder mask
0.2
0.45
0.17
0.2
0.225
0.6
0.225
0.15
R0.1
1
2
±0.05
0.35
±0.035
2 x 0.15
1)
Top view
Bottom view
1) Dimension applies to plated terminal
±0.035
0.5
1)
±0.05
0.6
3
Pin 1
marking
0.05 MAX.


Similar Part No. - BC860BW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC860BW PHILIPS-BC860BW Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Siemens Semiconductor G...
BC860BW SIEMENS-BC860BW Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
BC860BW INFINEON-BC860BW Datasheet
229Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
logo
Diotec Semiconductor
BC860BW DIOTEC-BC860BW Datasheet
184Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Guangdong Kexin Industr...
BC860BW KEXIN-BC860BW Datasheet
50Kb / 2P
   PNP General Purpose Transistor
More results

Similar Description - BC860BW

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCP69 INFINEON-BCP69_08 Datasheet
517Kb / 6P
   PNP Silicon AF Transistor
2008-10-10
BC856T INFINEON-BC856T Datasheet
145Kb / 6P
   PNP Silicon AF Transistor
Jan-08-2002
BC807 INFINEON-BC807_07 Datasheet
111Kb / 11P
   PNP Silicon AF Transistor
2007-06-08
BCW61 INFINEON-BCW61 Datasheet
88Kb / 9P
   PNP Silicon AF Transistor
Jul-10-2001
BCP69 INFINEON-BCP69 Datasheet
43Kb / 4P
   PNP Silicon AF Transistor
Nov-29-2001
logo
Siemens Semiconductor G...
SMBTA56M SIEMENS-SMBTA56M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor
logo
Infineon Technologies A...
BC857T INFINEON-BC857T Datasheet
55Kb / 6P
   PNP Silicon AF Transistor
Nov-29-2001
SMBTA56M INFINEON-SMBTA56M Datasheet
45Kb / 4P
   PNP Silicon AF Transistor
Nov-30-2001
BC856 INFINEON-BC856_08 Datasheet
887Kb / 14P
   PNP Silicon AF Transistor
2008-04-29
BC857BF INFINEON-BC857BF Datasheet
165Kb / 8P
   PNP Silicon AF Transistor
Jun-16-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com