Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFP640E6327 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BFP640E6327
Description  NPN Silicon Germanium RF Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP640E6327 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BFP640E6327 Datasheet HTML 1Page - Infineon Technologies AG BFP640E6327 Datasheet HTML 2Page - Infineon Technologies AG BFP640E6327 Datasheet HTML 3Page - Infineon Technologies AG BFP640E6327 Datasheet HTML 4Page - Infineon Technologies AG BFP640E6327 Datasheet HTML 5Page - Infineon Technologies AG BFP640E6327 Datasheet HTML 6Page - Infineon Technologies AG BFP640E6327 Datasheet HTML 7Page - Infineon Technologies AG BFP640E6327 Datasheet HTML 8Page - Infineon Technologies AG BFP640E6327 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2007-05-29
BFP640
4
SPICE Parameter (Gummel-Poon Model, Berkley-SPICE 2G.6 Syntax):
Transistor Chip Data:
IS =
0.22
fA
VAF =
1000
V
NE =
2-
VAR =
2V
NC =
1.8
-
RBM =
2.707
CJE =
227.6
fF
TF =
1.8
ps
ITF =
0.4
A
VJC =
0.6
V
TR =
0.2
ns
MJS =
0.27
-
XTI =
3-
AF =
2
-
TITF1
-0.0065
-
BF =
450
-
IKF =
0.15
A
BR =
55
-
IKR =
3.8
mA
RB =
3.129
RE =
0.6
-
VJE =
0.8
V
XTF =
10
-
PTF =
0
deg
MJC =
0.5
-
CJS =
93.4
fF
XTB =
-1.42
-
FC =
0.8
KF =
7.291E-11
TITF2
1.0E-5
NF =
1.025
-
ISE =
21
fA
NR =
1-
ISC =
400
fA
IRB =
1.522
mA
RC =
3.061
MJE =
0.3
-
VTF =
1.5
V
CJC =
67.43
fF
XCJC =
1-
VJS =
0.6
V
EG =
1.078
eV
TNOM
298
K
All parameters are ready to use, no scalling is necessary.
Package Equivalent Circuit:
LBC =
120
pH
LCC =
120
pH
LEC =
20
pH
LBB =
696.2
pH
LCB =
682.4
pH
LEB =
230.6
pH
CBEC =
98.4
fF
CBCC =
55.9
fF
CES =
180
fF
CBS =
79
fF
CCS =
75
fF
CCEO =
131.2
fF
CBEO =
102.5
fF
CCEI =
112.6
fF
CBEI =
180.4
fF
RBS =
1200
RCS =
1200
RES =
300
B
C
E
CCEO
CBEO
CCEI
CBE
I
CBEC
CBCC
S
C
B
E
BFP640_Chip
LBC
LCC
LEC
CBS
RCS
RES
LBB
LCB
LEB
Itf = 400* ( 1 - 6.5e-3 * (T-25) + 1.0e-5 * (T-25)^2 )
T = 25°C
RBS
CCS
CES
Valid up to 6GHz
For examples and ready to use parameters
please contact your local Infineon Technologies
distributor or sales office to obtain a Infineon
Technologies CD-ROM or see Internet:
http://www.infineon.com


Similar Part No. - BFP640E6327

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP640ESD INFINEON-BFP640ESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.0, 2010-06-29
BFP640ESD INFINEON-BFP640ESD Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-09-17
BFP640ESD INFINEON-BFP640ESD_12 Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-09-17
More results

Similar Description - BFP640E6327

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP640F INFINEON-BFP640F Datasheet
190Kb / 6P
   NPN Silicon Germanium RF Transistor
Mar-11-2004
BFP620E7764 INFINEON-BFP620E7764 Datasheet
196Kb / 7P
   NPN Silicon Germanium RF Transistor
Jul-03-2003
logo
California Eastern Labs
NESG3033M14 CEL-NESG3033M14 Datasheet
281Kb / 7P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Renesas Technology Corp
NESG340033 RENESAS-NESG340033 Datasheet
224Kb / 12P
   NPN Silicon Germanium RF Transistor
logo
California Eastern Labs
NESG260234 CEL-NESG260234 Datasheet
362Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Infineon Technologies A...
BFP640H6327 INFINEON-BFP640H6327 Datasheet
154Kb / 10P
   NPN Silicon Germanium RF Transistor
2007-05-29
logo
Renesas Technology Corp
NESG204619 RENESAS-NESG204619 Datasheet
302Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2046M33 RENESAS-NESG2046M33 Datasheet
240Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2107M33 RENESAS-NESG2107M33 Datasheet
244Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG250134 RENESAS-NESG250134 Datasheet
342Kb / 16P
   NPN SILICON GERMANIUM RF TRANSISTOR
2004
NESG340034 RENESAS-NESG340034 Datasheet
214Kb / 11P
   NPN Silicon Germanium RF Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com