Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM846S Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BCM846S
Description  NPN Silicon AF Transistor Array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCM846S Datasheet(HTML) 3 Page - Infineon Technologies AG

  BCM846S Datasheet HTML 1Page - Infineon Technologies AG BCM846S Datasheet HTML 2Page - Infineon Technologies AG BCM846S Datasheet HTML 3Page - Infineon Technologies AG BCM846S Datasheet HTML 4Page - Infineon Technologies AG BCM846S Datasheet HTML 5Page - Infineon Technologies AG BCM846S Datasheet HTML 6Page - Infineon Technologies AG BCM846S Datasheet HTML 7Page - Infineon Technologies AG BCM846S Datasheet HTML 8Page - Infineon Technologies AG BCM846S Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2011-10-05
3
BCM846S
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Transition frequency
IC = 20 mA, VCE = 5 V, f = 100 MHz
fT
-
250
-
MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
0.95
-
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
-
9
-
Short-circuit input impedance
IC = 2 mA, VCE = 5 V, f = 1 kHz
h11e
-
4.5
-
k
Open-circuit reverse voltage transf. ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
h12e
-
2
-
10-4
Short-circuit forward current transf. ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
h21e
-
330
-
-
Open-circuit output admittance
IC = 2 mA, VCE = 5 V, f = 1 kHz
h22e
-
30
-
µS
Noise figure
IC = 200 µA, VCE = 5 V, f = 1 kHz,
∆ f = 200 Hz, RS = 2 kΩ
F
-
-
10
dB


Similar Part No. - BCM846S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCM846S INFINEON-BCM846S Datasheet
184Kb / 7P
   NPN Silicon AF Transistor Array
Aug-30-2002
BCM846S INFINEON-BCM846S Datasheet
91Kb / 9P
   NPN Silicon AF Transistor Array
2007-04-26
BCM846S INFINEON-BCM846S_07 Datasheet
91Kb / 9P
   NPN Silicon AF Transistor Array
2007-04-26
More results

Similar Description - BCM846S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC817UPN INFINEON-BC817UPN_11 Datasheet
530Kb / 7P
   NPN Silicon AF Transistor Array
2011-09-15
BC817UPN INFINEON-BC817UPN_07 Datasheet
77Kb / 7P
   NPN Silicon AF Transistor Array
2007-04-20
BC847S INFINEON-BC847S Datasheet
57Kb / 6P
   NPN Silicon AF Transistor Array
Nov-29-2001
BCM846S INFINEON-BCM846S_07 Datasheet
91Kb / 9P
   NPN Silicon AF Transistor Array
2007-04-26
BC846S INFINEON-BC846S Datasheet
58Kb / 6P
   NPN Silicon AF Transistor Array
Nov-29-2001
BCM846S INFINEON-BCM846S Datasheet
184Kb / 7P
   NPN Silicon AF Transistor Array
Aug-30-2002
BC846U INFINEON-BC846U Datasheet
58Kb / 6P
   NPN Silicon AF Transistor Array
Nov-29-2001
SMBTA06U INFINEON-SMBTA06U Datasheet
51Kb / 5P
   NPN Silicon AF Transistor Array
Nov-30-2001
BC817U INFINEON-BC817U_07 Datasheet
76Kb / 7P
   NPN Silicon AF Transistor Array
2007-04-20
BC846PN INFINEON-BC846PN Datasheet
59Kb / 6P
   NPN/PNP Silicon AF Transistor Array
2007-04-20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com