Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS21U Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BAS21U
Description  For high-speed switching applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS21U Datasheet(HTML) 6 Page - Infineon Technologies AG

  BAS21U Datasheet HTML 1Page - Infineon Technologies AG BAS21U Datasheet HTML 2Page - Infineon Technologies AG BAS21U Datasheet HTML 3Page - Infineon Technologies AG BAS21U Datasheet HTML 4Page - Infineon Technologies AG BAS21U Datasheet HTML 5Page - Infineon Technologies AG BAS21U Datasheet HTML 6Page - Infineon Technologies AG BAS21U Datasheet HTML 7Page - Infineon Technologies AG BAS21U Datasheet HTML 8Page - Infineon Technologies AG BAS21U Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2007-04-19
6
BAS21...
Package SC74
Package Outline
Foot Print
Standard Packing
0.5
0.95
54
6
3
2
1
1.1 MAX.
(0.35)
(2.25)
±0.2
2.9
B
0.2
+0.1
-0.05
0.35
Pin 1
marking
M
B 6x
0.95
1.9
0.15 -0.06
+0.1
A
A
0.2 M
0.1 MAX.
4
3.15
Pin 1
marking
0.2
1.15
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
For symmetric types no defined Pin 1 orientation in reel.
Manufacturer
2005, June
Date code (Year/Month)
BCW66H
Type code
Pin 1 marking
Laser marking
Marking Layout (Example)
Small variations in positioning of
Date code, Type code and Manufacture are possible.


Similar Part No. - BAS21U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS21U INFINEON-BAS21U Datasheet
453Kb / 5P
   Silicon Switching Diode
Jan-30-2003
BAS21U INFINEON-BAS21U Datasheet
119Kb / 9P
   Silicon Switching Diode
2007-04-19
More results

Similar Description - BAS21U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAV99E6327 INFINEON-BAV99E6327 Datasheet
171Kb / 13P
   For high-speed switching applications
2007-09-19
BAV99S-E6327 INFINEON-BAV99S-E6327 Datasheet
171Kb / 13P
   For high-speed switching applications
2007-09-19
BAS16-02VE6327 INFINEON-BAS16-02VE6327 Datasheet
1,015Kb / 21P
   For high-speed switching applications
2009-09-28
BAV99B5003 INFINEON-BAV99B5003 Datasheet
171Kb / 13P
   For high-speed switching applications
2007-09-19
BAS16E6327 INFINEON-BAS16E6327 Datasheet
1,015Kb / 21P
   For high-speed switching applications
2009-09-28
BAS28E-6433 INFINEON-BAS28E-6433 Datasheet
93Kb / 7P
   For high-speed switching applications
2007-04-19
logo
Siemens Semiconductor G...
BAS16W SIEMENS-BAS16W Datasheet
67Kb / 4P
   Silicon Switching Diode (For high speed switching applications)
logo
Toshiba Semiconductor
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
   High-Speed Switching Applications Analog Switching Applications
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
   High Speed Switching Applications Analog Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com