Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDP710A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NDP710A
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDP710A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NDP710A Datasheet HTML 1Page - Fairchild Semiconductor NDP710A Datasheet HTML 2Page - Fairchild Semiconductor NDP710A Datasheet HTML 3Page - Fairchild Semiconductor NDP710A Datasheet HTML 4Page - Fairchild Semiconductor NDP710A Datasheet HTML 5Page - Fairchild Semiconductor NDP710A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NDP710.SAM
0
2
4
6
8
0
20
40
60
80
100
120
V
, DRAIN-SOURCE VOLTAGE (V)
12
10
8.0
7.0
5.0
V
= 20V
GS
DS
6.0
-50
-25
0
25
50
75
100
125
150
175
0.5
1
1.5
2
2.5
T , JUNCTION TEMPERATURE (°C)
J
V
= 10V
GS
I
= 15A
D
-50
-25
0
25
50
75
100
125
150
175
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
T , JUNCTION TEMPERATURE (°C)
J
I
= 250µA
D
V
= V
DS
GS
0
20
40
60
80
100
120
0.5
1
1.5
2
2.5
I
, DRAIN CURRENT (A)
D
6.0
20
10
12
8.0
V
= 5V
GS
7.0
0
20
40
60
80
100
120
0.5
1
1.5
2
2.5
I
, DRAIN CURRENT (A)
T = 125°C
J
25°C
D
V
= 10V
GS
-55°C
Typical Electrical Characteristics
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Gate Voltage and Drain Current.
Figure 3. On-Resistance Variation
with Temperature.
Figure 4. On-Resistance Variation with
Drain Current and Temperature.
Figure 5. Transfer Characteristics.
Figure 6. Gate Threshold Variation
with Temperature.
2
3
4
5
6
7
0
10
20
30
40
50
60
V
, GATE TO SOURCE VOLTAGE (V)
25
125
V
= 10V
DS
GS
T
= -55°C
J


Similar Part No. - NDP710A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NDP710A ISC-NDP710A Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
NDP710AE ISC-NDP710AE Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - NDP710A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com