Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA592 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BA592
Description  For band switching in TV/VTR tuners and mobile applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BA592 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BA592 Datasheet HTML 1Page - Infineon Technologies AG BA592 Datasheet HTML 2Page - Infineon Technologies AG BA592 Datasheet HTML 3Page - Infineon Technologies AG BA592 Datasheet HTML 4Page - Infineon Technologies AG BA592 Datasheet HTML 5Page - Infineon Technologies AG BA592 Datasheet HTML 6Page - Infineon Technologies AG BA592 Datasheet HTML 7Page - Infineon Technologies AG BA592 Datasheet HTML 8Page - Infineon Technologies AG BA592 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2011-07-21
2
BA592/BA892...
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BA592
BA892, BA892-02V
BA892-02L
RthJS
≤ 135
≤ 120
≤ 70
K/W
Electrical Characteristics
at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse current
VR = 20 V
IR
-
-
20
nA
Forward voltage
IF = 100 mA
VF
-
-
1
V
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BA592

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA592 PHILIPS-BA592 Datasheet
64Kb / 8P
   Band-switching diode
1998 May 07
logo
Siemens Semiconductor G...
BA592 SIEMENS-BA592 Datasheet
28Kb / 2P
   Silicon RF Switching Diode
logo
Infineon Technologies A...
BA592 INFINEON-BA592 Datasheet
416Kb / 4P
   Silicon RF Switching Diode
Feb-04-2003
logo
Guangdong Kexin Industr...
BA592 KEXIN-BA592 Datasheet
33Kb / 1P
   Band-switching diode
logo
Infineon Technologies A...
BA592 INFINEON-BA592 Datasheet
108Kb / 11P
   Silicon RF Switching Diode
2007-04-19
More results

Similar Description - BA592

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BA592E6327 INFINEON-BA592E6327 Datasheet
976Kb / 11P
   Silicon RF Switching Diode ??For band switching in TV/VTR
2011-07-21
SD199E6327 INFINEON-SD199E6327 Datasheet
56Kb / 5P
   For Hyperband TV / VTR tuners, Bd I
2007-03-28
logo
Siemens Semiconductor G...
BB619C SIEMENS-BB619C Datasheet
21Kb / 3P
   Silicon Variable Capacitance Diode (For tuning of extended frequency band in VHF TV/ VTR tuners)
BB639C SIEMENS-BB639C Datasheet
40Kb / 3P
   Silicon Variable Capacitance Diode (For tuning of extended frequency band in VHF TV / VTR tuners)
BF517 SIEMENS-BF517 Datasheet
44Kb / 4P
   NPN Silicon RF Transistor (For amplifier and oscillator applications in TV-tuners)
logo
Sanyo Semicon Device
LA7520 SANYO-LA7520 Datasheet
65Kb / 2P
   VIFSIF Circuit for TV, VTR Applications
logo
Toshiba Semiconductor
TA8710S TOSHIBA-TA8710S Datasheet
196Kb / 6P
   SIF CONVERTER FOR TV AND VTR
logo
List of Unclassifed Man...
U891BS ETC-U891BS Datasheet
37Kb / 2P
   Prescaler for TV and VTR purposes
logo
Siemens Semiconductor G...
BB620 SIEMENS-BB620 Datasheet
30Kb / 2P
   Silicon Variable Capacitance Diode (For Hyperband TV/VTR tuners, Bd I)
BB640 SIEMENS-BB640 Datasheet
26Kb / 2P
   Silicon Variable Capacitance Diode (For Hyperband TV/VTR tuners, Bd I)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com