Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6D-4-SB Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G6D-4-SB
Description  Relay Output Blocks
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6D-4-SB Datasheet(HTML) 4 Page - Omron Electronics LLC

  G6D-4-SB Datasheet HTML 1Page - Omron Electronics LLC G6D-4-SB Datasheet HTML 2Page - Omron Electronics LLC G6D-4-SB Datasheet HTML 3Page - Omron Electronics LLC G6D-4-SB Datasheet HTML 4Page - Omron Electronics LLC G6D-4-SB Datasheet HTML 5Page - Omron Electronics LLC G6D-4-SB Datasheet HTML 6Page - Omron Electronics LLC G6D-4-SB Datasheet HTML 7Page - Omron Electronics LLC G6D-4-SB Datasheet HTML 8Page - Omron Electronics LLC G6D-4-SB Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
G70D
G70D
4
3 CHARACTERISTICS
Part number
G70D-VSOC16/
G70D-SOC16 (-1)
G70D-SOC16(-1)
G70D-VFOM16/
G70D-FOM16 (-1)
G70D-FOM16 (-1)
Output type
Relay outputs
Power MOSFET Relay outputs
Contact form
16 points (SPST-NO x 16)
Contact mechanism
Single
Contact resistance
100 m
Ω max. measured at 1 A, 5 VDC
Insulation method
Photocoupler
Must operate time
10 ms max. at 23
°C (73.4°F) ambient
temperature
6ms max.
Release time
10 ms max. at 23
°C (73.4°F) ambient
temperature
10 ms max.
Output ON-resistance
2.4
Ω max.
Leakage current at OFF-state
10
µA max. at 125 VDC
Max. switching frequency
Mechanical: 18,000 operations/hr
Rated load: 1,800 operations/hr
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
2,000 VAC for 1 min between coil and contact
2,000 VAC for 1 min between input and output
terminals
Noise immunity
Power input (normal mode):
600 V for 10 min with a pulse width of 100 ns/1
µs
Power input (common mode):
1.5 kV for 10 min with a pulse width of 100 ns/1
µs
Input cable (coiling):
1.5 kV for 10 min with a pulse width of 100 ns/1
µs
Unit body (coiling):
600 V for 10 min with a pulse width of 100 ns/1
µs
Vibration resistance
Destruction
10 to 55 Hz, 1.0--mm double amplitude for 2 hrs each in X, Y, and Z directions
Malfunction
10 to 55 Hz, 0.75--mm double amplitude for 2 hrs each in X, Y, and Z directions
Shock resistance
Destruction
300 m/s2
Malfunction
100 m/s2
Operating voltage range
24 VDC +10%/--15%
Current consumption
Approx. 170 mA at 24
VDC (See Note 2)
Approx 300 mA at 24
VDC (See Note 2)
Approx. 125 mA at 24
VDC (See Note 3)
Approx. 300 mA at 24
VDC (See Note 3)
Cable length
Between block and controller:
5 m max. (reference value for AWG28)
Between block and external device: Dependent on load
LED color
Operation indicator:
orange
Operation indicator:
orange
Power supply: green
Operation indicator:
orange
Operation indicator:
orange
Power supply: green
Coil surge absorber
Diode (600 V, 1 A)
Diode (400 V, 0.3 A)
Diode (600 V, 1 A)
Diode (400 V, 0.3 A)
Ambient
temperature
Operating
--25
°Cto55°C(--13°F
to 131
°F) with no
icing or condensation
0
°Cto55°C(32°Fto
131
°F) with no icing
or condensation
--25
°Cto55°C(--13°F
to 131
°F) with no
icing or condensation
0
°Cto55°C(32°Fto
131
°F) with no icing
or condensation
Storage
--25
°Cto65°C(--13°F
to 149
°F) with no
icing or condensation
--20
°Cto65°C(--4°F
to 149
°F) with no
icing or condensation
--25
°Cto65°C(--13°F
to 149
°F) with no
icing or condensation
--20
°Cto65°C(--4°F
to 149
°F) with no
icing or condensation
Ambient humidity
Operating
45% to 85% RH
35% to 85% RH
45% to 85% RH
35% to 85% RH
Mounting strength
No damage when 49 N pull load was applied for 1 s in all directions (except for 9.8 N min. in
direction of rail)
Terminal strength
Tightening torque:
0.78 to 1.18 N
: m
Pull strength:
49 N for 1 min
Weight (See Note 4)
Approx. 280 g
Approx. 200 g
Approx. 280 g
Approx. 200 g
Note: 1. The above values are initial values.
2. Current consumption is when all points are ON and includes G6D Relay coil current but does not include any external load
current.
3. Current consumption is when all points are ON and includes G3DZ input current but does not include any external load current.
4. The Relay Output Block weighs approximately 315 g with the Expansion Terminal Block mounted.


Similar Part No. - G6D-4-SB

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-4-SB OMRON-G6D-4-SB Datasheet
417Kb / 14P
   Relay Output Blocks
More results

Similar Description - G6D-4-SB

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G79-100C OMRON-G79-100C Datasheet
417Kb / 14P
   Relay Output Blocks
logo
Pepperl+Fuchs Inc.
LB6101H PF-LB6101H Datasheet
652Kb / 3P
   Relay output
2021-12-01
FB6306B2 PF-FB6306B2 Datasheet
589Kb / 3P
   Relay output
LB6005A PF-LB6005A Datasheet
647Kb / 3P
   Relay output
2021-12-01
LB6006A PF-LB6006A Datasheet
664Kb / 3P
   Relay output
2021-12-01
FB6305B200 PF-FB6305B200 Datasheet
652Kb / 3P
   Relay output
logo
M-System Co.,Ltd.
38BOS6 MSYSTEM-38BOS6 Datasheet
56Kb / 2P
   OUTPUT RELAY CARD
logo
Contec Co., Ltd
CPS-RRY-4PCC CONTEC-CPS-RRY-4PCC Datasheet
497Kb / 2P
   Relay Output Module
logo
WAGO Kontakttechnik Gmb...
859-302 WAGO-859-302_V01 Datasheet
98Kb / 1P
   Rail-Mounted Terminal Blocks with Miniature Switching Relay
14.01.2015
logo
M-System Co.,Ltd.
38N4 MSYSTEM-38N4 Datasheet
82Kb / 2P
   OUTPUT RELAY CARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com