Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G79-200C-175-150 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # G79-200C-175-150
Description  Relay Output Blocks
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G79-200C-175-150 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button G79-200C-175-150 Datasheet HTML 2Page - Omron Electronics LLC G79-200C-175-150 Datasheet HTML 3Page - Omron Electronics LLC G79-200C-175-150 Datasheet HTML 4Page - Omron Electronics LLC G79-200C-175-150 Datasheet HTML 5Page - Omron Electronics LLC G79-200C-175-150 Datasheet HTML 6Page - Omron Electronics LLC G79-200C-175-150 Datasheet HTML 7Page - Omron Electronics LLC G79-200C-175-150 Datasheet HTML 8Page - Omron Electronics LLC G79-200C-175-150 Datasheet HTML 9Page - Omron Electronics LLC G79-200C-175-150 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
G70D
G70D
6
Operation
3 INTERNAL CIRCUIT
G70D-SOC16/G70D-FOM16
NPN-compatible output terminal (+ common output): A controller with an NPN transistor (-- common output) can be connected.
Note: Wiring shown above is for G6D Power Relays.
Connector Terminal
Arrangement
(Top View)
I/O indications on
Screw Terminals
(Black
triangle
mark)
Connector pin numbers in
parentheses are for G79 Cable.
Note:
The pin numbers are indicated
for user’s convenience. The
black triangle mark can be used
to determine orientation.
A0...(1)20
A1...(2)18
A2...(3)16
A3...(4)14
A4...(5)12
A5...(6)10
A6...(7) 8
A7...(8) 6
19(11)...A8
17(12)...A9
15(13)...A10
13(14)...A11
11(15)...A12
9(16)...A13
7(17)...A14
5(18)...A15
0 V..(9) 4
24 V...(10)2
3(19)...0 V
1(20)...24 V
G70D-SOC16-1/G70D-FOM16-1
PNP-compatible output terminal (-- common output): A controller with an PNP transistor (+ common output) can be connected.
Note: Wiring shown above is for G6D Power Relays.
Connector Terminal
Arrangement
(Top View)
I/O indications on
Screw Terminals
(Black
triangle mark)
Connector pin numbers in
parentheses are for G79 Cable.
Note:
The pin numbers are indicated
for user’s convenience. The
black triangle mark can be
used to determine orientation.
A0...(1)20
A1...(2)18
A2...(3)16
A3...(4)14
A4...(5)12
A5...(6)10
A6...(7) 8
A7...(8) 6
19(11)...A8
17(12)...A9
15(13)...A10
13(14)...A11
11(15)...A12
9(16)...A13
7(17)...A14
5(18)...A15
0 V..(9) 4
24 V...(10)2
3(19)...0 V
1(20)...24 V


Similar Part No. - G79-200C-175-150

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G79-200C-175-150 OMRON-G79-200C-175-150 Datasheet
417Kb / 14P
   Relay Output Blocks
More results

Similar Description - G79-200C-175-150

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G79-100C OMRON-G79-100C Datasheet
417Kb / 14P
   Relay Output Blocks
logo
Pepperl+Fuchs Inc.
LB6101H PF-LB6101H Datasheet
652Kb / 3P
   Relay output
2021-12-01
FB6306B2 PF-FB6306B2 Datasheet
589Kb / 3P
   Relay output
LB6005A PF-LB6005A Datasheet
647Kb / 3P
   Relay output
2021-12-01
LB6006A PF-LB6006A Datasheet
664Kb / 3P
   Relay output
2021-12-01
FB6305B200 PF-FB6305B200 Datasheet
652Kb / 3P
   Relay output
logo
M-System Co.,Ltd.
38BOS6 MSYSTEM-38BOS6 Datasheet
56Kb / 2P
   OUTPUT RELAY CARD
logo
Contec Co., Ltd
CPS-RRY-4PCC CONTEC-CPS-RRY-4PCC Datasheet
497Kb / 2P
   Relay Output Module
logo
WAGO Kontakttechnik Gmb...
859-302 WAGO-859-302_V01 Datasheet
98Kb / 1P
   Rail-Mounted Terminal Blocks with Miniature Switching Relay
14.01.2015
logo
M-System Co.,Ltd.
38N4 MSYSTEM-38N4 Datasheet
82Kb / 2P
   OUTPUT RELAY CARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com