Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G79-O100C-75 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G79-O100C-75
Description  Relay Output Blocks
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G79-O100C-75 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button G79-O100C-75 Datasheet HTML 3Page - Omron Electronics LLC G79-O100C-75 Datasheet HTML 4Page - Omron Electronics LLC G79-O100C-75 Datasheet HTML 5Page - Omron Electronics LLC G79-O100C-75 Datasheet HTML 6Page - Omron Electronics LLC G79-O100C-75 Datasheet HTML 7Page - Omron Electronics LLC G79-O100C-75 Datasheet HTML 8Page - Omron Electronics LLC G79-O100C-75 Datasheet HTML 9Page - Omron Electronics LLC G79-O100C-75 Datasheet HTML 10Page - Omron Electronics LLC G79-O100C-75 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
G70D
G70D
7
G70D-VSOC16/G70D-VFOM16
NPN-compatible output terminal (+ common output): A controller with an NPN transistor (-- common output) can be connected.
Connector Terminal
Arrangement
(Top View)
I/O indications on
Screw Terminals
(Triangle mark)
With Expansion Terminal Block
Note: 1. The terminal block shows the G70D-VSOC16, which operates with G6D relays mounted.
The G70D-VFOM16 terminal block uses G3DZ power MOSFET relays in place of G6D relays.
2. Terminals C0 to C15 are electrically independent from each other.
3. When the terminal block and relay block are connected to each other, each electrical check terminal of
the relay block is connected to the corresponding terminal of the terminal block.
3 TERMINAL ARRANGEMENT AND LOAD CONNECTION EXAMPLES
G70D-SOC16(-1)/G70D-FOM16(-1)
Note: 1. Dotted lines show internal connections.
2. B2, B3, B4, and B5 are each found in two locations. Connect power to either of them.
Power supply
24 VDC


Similar Part No. - G79-O100C-75

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G79-O100C-75 OMRON-G79-O100C-75 Datasheet
417Kb / 14P
   Relay Output Blocks
More results

Similar Description - G79-O100C-75

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G79-100C OMRON-G79-100C Datasheet
417Kb / 14P
   Relay Output Blocks
logo
Pepperl+Fuchs Inc.
LB6101H PF-LB6101H Datasheet
652Kb / 3P
   Relay output
2021-12-01
FB6306B2 PF-FB6306B2 Datasheet
589Kb / 3P
   Relay output
LB6005A PF-LB6005A Datasheet
647Kb / 3P
   Relay output
2021-12-01
LB6006A PF-LB6006A Datasheet
664Kb / 3P
   Relay output
2021-12-01
FB6305B200 PF-FB6305B200 Datasheet
652Kb / 3P
   Relay output
logo
M-System Co.,Ltd.
38BOS6 MSYSTEM-38BOS6 Datasheet
56Kb / 2P
   OUTPUT RELAY CARD
logo
Contec Co., Ltd
CPS-RRY-4PCC CONTEC-CPS-RRY-4PCC Datasheet
497Kb / 2P
   Relay Output Module
logo
WAGO Kontakttechnik Gmb...
859-302 WAGO-859-302_V01 Datasheet
98Kb / 1P
   Rail-Mounted Terminal Blocks with Miniature Switching Relay
14.01.2015
logo
M-System Co.,Ltd.
38N4 MSYSTEM-38N4 Datasheet
82Kb / 2P
   OUTPUT RELAY CARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com