Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G73Z-11Z Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # G73Z-11Z
Description  Multi-pole Power Relay for Contactor Current Range Capable of Carrying and Switching 40 A at 440 VAC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G73Z-11Z Datasheet(HTML) 6 Page - Omron Electronics LLC

  G73Z-11Z Datasheet HTML 1Page - Omron Electronics LLC G73Z-11Z Datasheet HTML 2Page - Omron Electronics LLC G73Z-11Z Datasheet HTML 3Page - Omron Electronics LLC G73Z-11Z Datasheet HTML 4Page - Omron Electronics LLC G73Z-11Z Datasheet HTML 5Page - Omron Electronics LLC G73Z-11Z Datasheet HTML 6Page - Omron Electronics LLC G73Z-11Z Datasheet HTML 7Page - Omron Electronics LLC G73Z-11Z Datasheet HTML 8Page - Omron Electronics LLC G73Z-11Z Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
G7Z
6
Safety Precautions
Refer to the
“Precautions for All Relays” and “Precautions for All Relays with Forcibly Guided Contacts”.
!WARNING
!CAUTION
Installation
• Mount the G7Z with the coil terminal at the top.
• Do not use the Relay with the terminal screw surfaces facing down.
• To mount the Relay, secure M4 screws in two locations.
Use a screw-tightening torque of 1.2 to 1.3 N·m.
• The Relay can be mounted directly on a mounting rail (PFP) or a
DIN Track (EN 50022-35
× 7.5, 15). The Relay cannot be mounted,
however, to some reinforced rails (e.g., those produced by
Kameda Denki or Toyogiken).
• Mount the Relay sideways when it is mounted on a rail.
• Use End Plates (PFP-M) on both sides of the Relay to make sure
that it is properly secured.
• Provide at least 5 mm of space between the sides and top of the
Relay and nearby grounded metal surfaces.
• Provide at least 30 mm of space between Relays when two or more
Relays are mounted in a row.
• The auxiliary contact block (G73Z) can be mounted on the Relay.
Mounting and Removal
Mounting
Insert the tab on the auxiliary contact
block into the groove on the Relay and
press down until the hook on the
auxiliary contact block catches in the
mounting hole on the Relay.
Removing
Slide the auxiliary contact block, remove
the auxiliary contact block tab from the
groove on the Relay, and remove the
auxiliary contact block hook from the
Relay.
Be careful not to apply excessive force
on the hook.
Take measures to prevent contact with charged parts
when using the Relay for high voltages.
Do not touch the terminal section (charged parts) when
power is being supplied.
Always use the Relay with terminal covers mounted.
Contact with charged parts may result in electric shock.
Do not touch the Relay when power is being supplied or
right after the power has been turned OFF.
The hot surface may cause burn injury.
Precautions for Correct Use
Up
Coil terminal
Terminal screw surface
39 mm
Up
DIN Track
(35 mm)
5 mm min.
5 mm min.
5 mm min.
Grounded metal surface
30 mm min.
Tab
(1)
(2)
Hook
(2)
(1)
Tab
Hook


Similar Part No. - G73Z-11Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G738 ETC1-G738 Datasheet
344Kb / 2P
   Desktop Cases
G73AD-DC12 ETC1-G73AD-DC12 Datasheet
44Kb / 2P
   G73
G73AD-DC12A ETC1-G73AD-DC12A Datasheet
44Kb / 2P
   G73
G73AD-DC12C ETC1-G73AD-DC12C Datasheet
44Kb / 2P
   G73
G73AD-DC24 ETC1-G73AD-DC24 Datasheet
44Kb / 2P
   G73
More results

Similar Description - G73Z-11Z

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8PE OMRON-G8PE Datasheet
498Kb / 3P
   High current carrying and switching automotive PCB relay.
G9EJ OMRON-G9EJ Datasheet
951Kb / 4P
   DC Power Relays Capable of DC Loading at High Voltage and Current
logo
Schneider Electric
8910DPA73V06 SCHNEIDER-8910DPA73V06 Datasheet
116Kb / 2P
   Contactor, Definite Purpose, 75A, 3 pole, 40 HP at 575 VAC, 3 phase, 440/480 VAC 50/60 Hz coil, open
8910DPA73RV06 SCHNEIDER-8910DPA73RV06 Datasheet
108Kb / 2P
   Contactor, Definite Purpose, 75A, 3 pole, 40 HP at 575 VAC, 3 phase, 440/480 VAC 50/60 Hz coil, open
8910DPA73RV06 SCHNEIDER-8910DPA73RV06_V01 Datasheet
168Kb / 2P
   Contactor, Definite Purpose, 75A, 3 pole, 40 HP at 575 VAC, 3 phase, 440/480 VAC 50/60 Hz coil, open
May 23, 2022
8910DPA73V06 SCHNEIDER-8910DPA73V06_V01 Datasheet
121Kb / 2P
   Contactor, Definite Purpose, 75A, 3 pole, 40 HP at 575 VAC, 3 phase, 440/480 VAC 50/60 Hz coil, open
May 20, 2022
logo
Omron Electronics LLC
G7L-X OMRON-G7L-X Datasheet
138Kb / 4P
   Compact Power Relay Capable of Switching 1,000 VDC Loads
logo
List of Unclassifed Man...
MHP-TA15-9-72 ETC2-MHP-TA15-9-72 Datasheet
348Kb / 6P
   Two levels of current carrying capacity:
logo
Fujitsu Component Limit...
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
logo
Panasonic Semiconductor
T-10 PANASONIC-T-10 Datasheet
386Kb / 7P
   Multi-purpose Snap Switches capable of 10 A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com