Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y92S-32 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # Y92S-32
Description  Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Y92S-32 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button Y92S-32 Datasheet HTML 7Page - Omron Electronics LLC Y92S-32 Datasheet HTML 8Page - Omron Electronics LLC Y92S-32 Datasheet HTML 9Page - Omron Electronics LLC Y92S-32 Datasheet HTML 10Page - Omron Electronics LLC Y92S-32 Datasheet HTML 11Page - Omron Electronics LLC Y92S-32 Datasheet HTML 12Page - Omron Electronics LLC Y92S-32 Datasheet HTML 13Page - Omron Electronics LLC Y92S-32 Datasheet HTML 14Page - Omron Electronics LLC Y92S-32 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
New H7ET
11
■ Characteristics
Note: Weight includes waterproof packing and flush mounting bracket.
■ Reference Value
Item
H7ET-NV
@-@
H7ET-NV
@-H@
H7ET-NFV
@-@
H7ET-N
@-@
Time accuracy
±100 ppm (25°C)
Insulation resistance
100 M
Ω min. (at 500 VDC) between
current-carrying metal parts and ex-
posed non-current-carrying metal
parts, and between the backlight pow-
er supply and timer input terminals/re-
set terminals for backlight models
100 M
Ω min. (at 500 VDC) between
current-carrying metal parts and ex-
posed non-current-carrying metal
parts and between timer input termi-
nals and reset terminals
100 M
Ω min. (at 500 VDC) between
current-carrying metal parts and ex-
posed non-current-carrying metal
parts
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min between
current-carrying metal parts and ex-
posed non-current-carrying metal
parts and between the backlight power
supply and timer input terminals/reset
terminals for backlight models
3,700 VAC, 50/60 Hz for 1 min between
timer input terminals and exposed non-
current-carrying metal parts
2,200 VAC, 50/60 Hz for 1 min between
reset terminals and exposed non-cur-
rent-carrying metal parts and between
timer input terminals and reset termi-
nals
1,000 VAC, 50/60 Hz for 1 min between
current-carrying metal parts and ex-
posed non-current-carrying metal
parts
Impulse withstand
voltage
4.5 kV between current-carrying termi-
nal and exposed non-current-carrying
metal parts
4.5 kV between current-carrying termi-
nal and exposed non-current-carrying
metal parts
3 kV between timer input terminals and
reset terminals
4.5 kV between current-carrying termi-
nal and exposed non-current-carrying
metal parts
Noise immunity
Square-wave noise generated by noise simulator (pulse width: 100 ns/1
µs, 1-ns rise)
±600 V (Between timer input terminals/
Between reset terminals)
±480 V (Between the backlight power
supply terminals for backlight models)
±1.5 kV (Between timer input termi-
nals)
±500 V (Between reset terminals)
±500 V (Between timer input terminals/
Between reset terminals)
Static immunity
±8 kV (malfunction)
Vibration resistance
Malfunction: 0.15-mm single amplitude at 10 to 55 Hz for 10 min each in 3 directions
Destruction: 0.375-mm single amplitude at 10 to 55 Hz for 2 hrs each in 3 directions
Shock resistance
Malfunction: 200 m/s2 3 times each in 6 directions
Destruction: 300 m/s2 3 times each in 6 directions
EMC
(EMI)
EN61326
Emission Enclosure:
EN55011 Group 1 class B
(EMS)
EN61326
Immunity ESD:
EN61000-4-2: 4 kV contact discharge (level 2)
8 kV air discharge (level 3)
Immunity RF-interference from AM Radio Waves:
EN61000-4-3: 10 V/m (80 MHz to 1 GHz) (level 3)
Immunity RF-interference from Pulse-modulated Radio Waves:
EN61000-4-3: 10 V/m (900 MHz
± 5 MHz) (level 3)
Immunity Conducted Disturbance: EN61000-4-6: 10 V (0.15 to 80 MHz) (level 3)
Immunity Burst:
EN61000-4-4: 2 kV power line (level 3)
2 kV I/O signal line (level 4)
Degree of protection
Front panel:
IP66, NEMA4 with waterproof packing
Terminal block: IP20
Weight (see note)
No-backlight model: Approx. 60 g
Backlight model: Approx. 65 g
Approx. 60 g
Approx. 60 g
Item
Value
Note
Battery life
10 years min. with continuous input at
25
°C (lithium battery)
The battery life is calculated according to the conditions in the left column and
therefore is not a guaranteed value. Use these value as reference for mainte-
nance or replacement.


Similar Part No. - Y92S-32

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
Y92S-32 OMRON-Y92S-32 Datasheet
397Kb / 7P
   Total Counter/Time Counter
Y92S-32-ND OMRON-Y92S-32-ND Datasheet
397Kb / 7P
   Total Counter/Time Counter
More results

Similar Description - Y92S-32

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7EC-NFV OMRON-H7EC-NFV Datasheet
1Mb / 13P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7EC-NV-H OMRON-H7EC-NV-H Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7EC-N OMRON-H7EC-N Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7EC-N-B OMRON-H7EC-N-B Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7EC-NV OMRON-H7EC-NV Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
logo
Extech Instruments Corp...
365515 EXTECH-365515 Datasheet
194Kb / 1P
   Stopwatch/Clock with Backlit Display
365515 EXTECH-365515_15 Datasheet
194Kb / 1P
   Stopwatch/Clock with Backlit Display
407732 EXTECH-407732_15 Datasheet
180Kb / 1P
   Sound Level Meter with Backlit Display
logo
Keystone Electronics Co...
2460 KEYSTONE-2460 Datasheet
450Kb / 1P
   Economical design, available with PC terminals or wire leads
logo
Applied Concepts Inc.
ACD-2353 ACIPOWER-ACD-2353 Datasheet
324Kb / 3P
   XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com