Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2R-2 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # G2R-2
Description  The Best Seller G2R
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-2 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button G2R-2 Datasheet HTML 5Page - Omron Electronics LLC G2R-2 Datasheet HTML 6Page - Omron Electronics LLC G2R-2 Datasheet HTML 7Page - Omron Electronics LLC G2R-2 Datasheet HTML 8Page - Omron Electronics LLC G2R-2 Datasheet HTML 9Page - Omron Electronics LLC G2R-2 Datasheet HTML 10Page - Omron Electronics LLC G2R-2 Datasheet HTML 11Page - Omron Electronics LLC G2R-2 Datasheet HTML 12Page - Omron Electronics LLC G2R-2 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
G2R
PCB Power Relay
G
2
R
■Dimensions
** Average value
** 0.3 (-H Type)
12
3
54
3.5
3.5
(2.7)
20
(2.1)
1
0.5**
0.5
0.16
0.3
4
(0.3)
25.5 max.
(25.3)*
29 max.
(28.8)*
13 max.
(12.7)*
7.5
Five, 1.3-dia.
holes
(No coil polarity)
Relays with PCB Terminals
(SPDT (1c) Relays)
G2R-1(-Z)
G2R-1Z
G2R-1-H
PCB Mounting Holes
(BOTTOM VIEW)
Tolerance: ±0.1 mm
Terminal Arrangement/
Internal Connections
(BOTTOM VIEW)
This illustration is the
G2R-1 model.
** Average value
** 0.3 (-H Type)
1
3
54
3.5
(2.7)
20
(2.1)
1
0.5**
0.3
0.16
4
(0.3)
25.5 max.
(25.3)*
29 max.
(28.8)*
13 max.
(12.7)*
7.5
Four, 1.3-dia.
holes
(No coil polarity)
Relays with PCB Terminals
(SPST-NO (1a) Relays)
G2R-1A(-Z)
G2R-1AZ
G2R-1A-H
PCB Mounting Holes
(BOTTOM VIEW)
Tolerance: ±0.1 mm
Terminal Arrangement/
Internal Connections
(BOTTOM VIEW)
This illustration is the
G2R-1A model.
12
3
76
4
8
5
* Average value
0.3
1
0.5
0.16
0.3
4
(0.3)
25.5 max.
(24.9)*
29 max.
(28.6)*
13 max.
(12.6)*
2.5
2.5
(2.1)
20
(2.1)
55
(2.7)
7.5
Eight, 1.3-dia. holes
(No coil polarity)
Relays with PCB Terminals
(SPDT (1c) /High-capacity Relays)
G2R-1-E(Z)
PCB Mounting Holes
(BOTTOM VIEW)
Tolerance: ±0.1 mm
Terminal Arrangement/
Internal Connections
(BOTTOM VIEW)
1
3
6
4
8
5
* Average value
0.3
0.16
0.3
4
(0.3)
25.5 max.
(24.9)*
29 max.
(28.6)*
13 max.
(12.6)*
2.5
2.5
(2.1)
20
(2.1)
5
(2.7)
7.5
Six, 1.3-dia. holes
1
(No coil polarity)
Relays with PCB Terminals
(SPST-NO (1a)/High-capacity Relays)
G2R-1A-E(Z)
PCB Mounting Holes
(BOTTOM VIEW)
Tolerance: ±0.1 mm
Terminal Arrangement/
Internal Connections
(BOTTOM VIEW)
Note: Orientation marks are indicated as follows:


Similar Part No. - G2R-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-2 OMRON-G2R-2 Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-2 OMRON-G2R-2 Datasheet
562Kb / 14P
   Power PCB Relay
G2R-2 OMRON-G2R-2 Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2R-2 OMRON-G2R-2 Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con tact.
G2R-2 OMRON-G2R-2 Datasheet
656Kb / 12P
   Power PCB Relay
More results

Similar Description - G2R-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R1AEASIDC24 OMRON-G2R1AEASIDC24 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
TOKYO SEIMITSU CO., LTD
W-GM-4200 ACCRETECH-W-GM-4200 Datasheet
356Kb / 2P
   Best Seller Machine W-GM-Series
logo
Tyco Electronics
MT2-C93422 MACOM-MT2-C93422 Datasheet
488Kb / 9P
   The Best Relaytion
V23105 MACOM-V23105 Datasheet
498Kb / 11P
   The Best Relaytion
IM00TS MACOM-IM00TS Datasheet
795Kb / 11P
   The Best Relaytion
IM07TS MACOM-IM07TS Datasheet
610Kb / 10P
   The Best Relaytion
logo
Panasonic Battery Group
TX PANASONICBATTERY-TX Datasheet
126Kb / 6P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
Panasonic Semiconductor
TX2SL-12V PANASONIC-TX2SL-12V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2-3V PANASONIC-TX2-3V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2SA-L-3V PANASONIC-TX2SA-L-3V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com