Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IA6805E2 Datasheet(PDF) 6 Page - InnovASIC, Inc

Part # IA6805E2
Description  Microprocessor Unit
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA6805E2 Datasheet(HTML) 6 Page - InnovASIC, Inc

Back Button IA6805E2 Datasheet HTML 2Page - InnovASIC, Inc IA6805E2 Datasheet HTML 3Page - InnovASIC, Inc IA6805E2 Datasheet HTML 4Page - InnovASIC, Inc IA6805E2 Datasheet HTML 5Page - InnovASIC, Inc IA6805E2 Datasheet HTML 6Page - InnovASIC, Inc IA6805E2 Datasheet HTML 7Page - InnovASIC, Inc IA6805E2 Datasheet HTML 8Page - InnovASIC, Inc IA6805E2 Datasheet HTML 9Page - InnovASIC, Inc IA6805E2 Datasheet HTML 10Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
IA6805E2
29 August 2007
Microprocessor Unit
As of Production Version 00
Crystal Parameters Representative Frequencies:
5.0 MHz
4.0 MHz
1.0 MHz
RS max
50Ω
75Ω
400Ω
C0
8 pF
7 pF
5 pF
C1
0.02 pF
0.012 pF
0.008 pF
Q
50 k
40 k
30 k
COSC1
15-30 pF
15-30 pF
15-40 pF
COSC2
15-25 pF
15-25 pF
15-30 pF
Oscillator Connections:
L
C1
39
C0
RS
OSC1
OSC2
38
39
OSC2
38
OSC1
CRYSTAL CIRCUIT
CRYSTAL OSCILLATOR CONNECTIONS
t
OL
t
t
OH
t
OLOL
OSC1 PIN
ia6805E2
10 M
Ω
C
OSC2
OSC1
OSC1
C OSC2
38
39
OSC1
IA6805E2
OSC2
38
39
NC
Figure 3. OSC1, OSC2 (System Clock)
OSC1 to Bus Transitions Timing Waveforms:
OSC1
AS
DS
RW_n
A[12:8]
B[7:0]
MPU READ
B[7:0]
MPU WRITE
*READ DATA "LATCHED" ON DS FALL
MUX ADDR
MPU
READ
DATA*
MUX ADDR
MPU WRITE DATA
Figure 4. OSC1, OSC2 (System Clock)
Copyright © 2007
IA211081401-03
www.Innovasic.com
Customer Support:
Page 6 of 33
1-888-824-4184
©


Similar Part No. - IA6805E2

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA6805E2 INNOVASIC-IA6805E2 Datasheet
286Kb / 31P
   Microprocessor Unit
IA6805E2-PDW40I INNOVASIC-IA6805E2-PDW40I Datasheet
286Kb / 31P
   Microprocessor Unit
IA6805E2-PLC44I INNOVASIC-IA6805E2-PLC44I Datasheet
286Kb / 31P
   Microprocessor Unit
More results

Similar Description - IA6805E2

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z80180 ZILOG-Z80180 Datasheet
1Mb / 124P
   Microprocessor Unit
logo
List of Unclassifed Man...
Z8018006VSG ETC2-Z8018006VSG Datasheet
1,007Kb / 85P
   Microprocessor Unit
logo
Zilog, Inc.
Z8018010FSG ZILOG-Z8018010FSG Datasheet
1,007Kb / 85P
   Microprocessor Unit
logo
InnovASIC, Inc
IA6805E2 INNOVASIC-IA6805E2 Datasheet
286Kb / 31P
   Microprocessor Unit
logo
Zilog, Inc.
Z8018010VSG ZILOG-Z8018010VSG Datasheet
1,007Kb / 85P
   Microprocessor Unit
Z8018008VSG ZILOG-Z8018008VSG Datasheet
1,007Kb / 85P
   Microprocessor Unit
Z8018010PSG ZILOG-Z8018010PSG Datasheet
1,007Kb / 85P
   Microprocessor Unit
logo
Raltron Electronics Cor...
A-6.176-18.5 RALTRON-A-6.176-18.5 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-12.000-20 RALTRON-A-12.000-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-25.000-14 RALTRON-A-25.000-14 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com