Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1689 Datasheet(PDF) 4 Page - Rohm

Part # 2SB1689
Description  PNP -1.5A -12V Low Frequency Amplifier Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SB1689 Datasheet(HTML) 4 Page - Rohm

  2SB1689 Datasheet HTML 1Page - Rohm 2SB1689 Datasheet HTML 2Page - Rohm 2SB1689 Datasheet HTML 3Page - Rohm 2SB1689 Datasheet HTML 4Page - Rohm 2SB1689 Datasheet HTML 5Page - Rohm 2SB1689 Datasheet HTML 6Page - Rohm 2SB1689 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SB1689
lElectrical characteristic curves(Ta = 25°C)
-0.1
-1
-10
-0.001
-0.01
-0.1
-1
-10
Ta=
40ºC
25ºC
100ºC
I
C / IB = 20
Pulsed
-0.001
-0.01
-0.1
-1
-0.001
-0.01
-0.1
-1
-10
I
C / IB = 20
Pulsed
Ta=100ºC
25ºC
40ºC
Fig.5 Collector-Emitter Saturation Voltage
vs. Collector Current (I)
COLLECTOR CURRENT : I
C [A]
Fig.6 Collector-Emitter Saturation Voltage
vs. Collector Current (II)
COLLECTOR CURRENT : I
C [A]
Fig.7 Base-Emitter Saturation Voltage
vs. Collector Current
COLLECTOR CURRENT : I
C [A]
Fig.8 Gain Bandwidth Product
vs. Emitter Current
EMITTER CURRENT : I
E [A]
4/6
2013.05 - Rev.A


Similar Part No. - 2SB1689

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1689 ROHM-2SB1689 Datasheet
75Kb / 3P
   General purpose amplification (-12V, -1.5A)
2SB1689 ROHM-2SB1689 Datasheet
368Kb / 7P
   PNP -1.5A -12V Low Frequency Amplifier Transistors
2SB1689T106 ROHM-2SB1689T106 Datasheet
368Kb / 7P
   PNP -1.5A -12V Low Frequency Amplifier Transistors
More results

Similar Description - 2SB1689

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1689T106 ROHM-2SB1689T106 Datasheet
368Kb / 7P
   PNP -1.5A -12V Low Frequency Amplifier Transistors
US6X3 ROHM-US6X3_1 Datasheet
79Kb / 3P
   Low frequency amplifier (12V, 3A)
US6X5 ROHM-US6X5_1 Datasheet
76Kb / 3P
   Low frequency amplifier (12V, 2A)
US6X6 ROHM-US6X6_1 Datasheet
75Kb / 3P
   Low frequency amplifier (30V, 1.5A)
US6T7 ROHM-US6T7_1 Datasheet
75Kb / 3P
   Low frequency amplifier (-30V, -1.5A)
2SB1697 ROHM-2SB1697 Datasheet
103Kb / 3P
   Low Frequency Amplifier (-12V, -2A)
logo
Diodes Incorporated
ZXTD717MC DIODES-ZXTD717MC Datasheet
199Kb / 7P
   DUAL 12V PNP LOW SATURATION TRANSISTORS
logo
Rohm
2SD2661 ROHM-2SD2661 Datasheet
65Kb / 3P
   Low frequency amplifier transistor(12V,2A)
logo
Diodes Incorporated
ZXTD717MC DIODES-ZXTD717MC_15 Datasheet
199Kb / 7P
   DUAL 12V PNP LOW SATURATION TRANSISTORS
logo
Samsung semiconductor
KSA1175 SAMSUNG-KSA1175 Datasheet
78Kb / 2P
   PNP (LOW FREQUENCY AMPLIFIER)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com