Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2R-1A4 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # G2R-1A4
Description  The Best Seller G2R
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-1A4 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button G2R-1A4 Datasheet HTML 2Page - Omron Electronics LLC G2R-1A4 Datasheet HTML 3Page - Omron Electronics LLC G2R-1A4 Datasheet HTML 4Page - Omron Electronics LLC G2R-1A4 Datasheet HTML 5Page - Omron Electronics LLC G2R-1A4 Datasheet HTML 6Page - Omron Electronics LLC G2R-1A4 Datasheet HTML 7Page - Omron Electronics LLC G2R-1A4 Datasheet HTML 8Page - Omron Electronics LLC G2R-1A4 Datasheet HTML 9Page - Omron Electronics LLC G2R-1A4 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
G2R
PCB Power Relay
G
2
R
■Characteristics
● Standard Relays
Note: The values here are initial values.
*1.
Measurement conditions: 5 VDC, 1 A, voltage-drop method.
*2.
Measurement conditions: Rated operating voltage applied, not including
contact bounce.
*3.
Measurement conditions: The insulation resistance was measured with a
500 VDC megohmmeter at the same locations as the dielectric strength
was measured.
*4.
Value for quick-connect terminals.
Double-winding Latching Relays
Note: The values here are initial values.
*1.
Measurement conditions: 5 VDC, 1 A, voltage-drop method.
*2.
Measurement conditions: Rated operating voltage applied, not including
contact bounce.
*3.
Measurement conditions: The insulation resistance was measured with a
500 VDC megohmmeter at the same locations as the dielectric strength
was measured.
■Engineering Data
Item
Number of poles
1-pole
2-pole
Contact resistance *1
30 m
Ω max.
50 m
Ω max.
Operate time *2
15 ms max.
Release time *2
AC: 10 ms max.; DC: 5 ms max.
Max.
operating
frequency
Mechanical
18,000 operations/hr
Electrical
1,800 operations/hr
Insulation resistance *3
1,000 M
Ω min.
Dielectric
strength
Between coil and
contacts
5,000 VAC, 50/60 Hz for 1 min
Between contacts
of different polarity
-
3,000 VAC, 50/60 Hz
for 1 min
Between contacts
of the same
polarity
1,000 VAC, 50/60 Hz for 1 min
Vibration
resistance
Destruction
10 to 55 to 10 Hz, 0.75 mm single
amplitude (1.5 mm double amplitude)
Malfunction
10 to 55 to 10 Hz, 0.75 mm single
amplitude (1.5 mm double amplitude)
Shock
resistance
Destruction
1,000 m/s2
Malfunction
200 m/s2 when energized;
100m/s2 when no energized
Durability
Mechanical
AC coil: 10,000,000 operations min.;
DC coil: 20,000,000 operations min.
(at 18,000 operations/hr)
Electrical
100,000 operations min.
(at 1,800 operations/hr under rated load)
Ambient operating temperature
-40°C to 70°C (with no icing)
Ambient operating humidity
5% to 85%
Weight
Approx. 17 g (Approx. 20 g *4)
Item
Number of poles
1-pole
2-pole
Contact resistance *1
30 m
Ω max.
50 m
Ω max.
Set
Time *2
20 ms max.
Min. set pulse width
30 ms
Reset
Time *2
20 ms max.
Min. reset pulse
width
30 ms
Max. operating
frequency
Mechanical
18,000 operations/hr
Electrical
1,800 operations/hr
Insulation resistance *3
1,000 M
Ω min. (at 500 VDC)
Dielectric
strength
Between coil and
contacts
5,000 VAC, 50/60 Hz for 1 min
Between contacts
of different polarity
3,000 VAC,
50/60 Hz for 1 min
Between contacts
of the same
polarity
1,000 VAC, 50/60 Hz for 1 min
Between set and
reset coils
1,000 VAC, 50/60 Hz for 1 min
Vibration
resistance
Destruction
10 to 55 to 10 Hz, 0.75 mm single
amplitude (1.5 mm double amplitude)
Malfunction
10 to 55 to 10 Hz, 0.75 mm single
amplitude (1.5 mm double amplitude)
Shock
resistance
Destruction
1,000 m/s2
Malfunction
Set: 500m/s2 Armature OFF
Reset: 200m/s2 Contact OFF
Durability
Mechanical
10,000,000 operations min
(at 18,000 operations/hr)
Electrical
100,000 operations min. (at 1,800
operations/hr under rated load)
Ambient operating temperature
-40°C to 70°C (with no icing or
condensation)
Ambient operating humidity
5% to 85%
Weight
Approx. 17 g
● Maximum Switching Capacity
G2R-1, G2R-1A, G2R-1-T, G2R-1A-T
G2R-1-E, G2R-1A-E
G2R-1Z, G2R-1AZ
G2R-1-H, G2R-1A-H, G2R-2, G2R-2A
G2R-2-H, G2R-2A-H
Flux Protection/Plug-in Relays
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
500
AC resistive load
DC resistive load
AC
inductive load
(cos
φ = 0.4)
DC inductive load
(L/R = 7 ms)
AC
inductive load
(cos
φ = 0.4)
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
500
16
DC resistive load
AC resistive load
DC inductive load
(L/R = 7 ms)
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
500
AC resistive load
DC resistive load
DC inductive load
(L/R = 7 ms)
AC
inductive load
(cos
φ = 0.4)
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
500
AC
inductive load
(cos
φ = 0.4)
DC inductive load
(L/R = 7 ms)
DC resistive load
AC resistive load
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
500
AC resistive load
AC
inductive load
(cos
φ = 0.4)
DC resistive load
DC inductive load
(L/R = 7 ms)


Similar Part No. - G2R-1A4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1A4 OMRON-G2R-1A4 Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-1A4 OMRON-G2R-1A4 Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A4 OMRON-G2R-1A4 Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2R-1A4 OMRON-G2R-1A4 Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con tact.
G2R-1A4 OMRON-G2R-1A4 Datasheet
656Kb / 12P
   Power PCB Relay
More results

Similar Description - G2R-1A4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R1AEASIDC24 OMRON-G2R1AEASIDC24 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
TOKYO SEIMITSU CO., LTD
W-GM-4200 ACCRETECH-W-GM-4200 Datasheet
356Kb / 2P
   Best Seller Machine W-GM-Series
logo
Tyco Electronics
MT2-C93422 MACOM-MT2-C93422 Datasheet
488Kb / 9P
   The Best Relaytion
V23105 MACOM-V23105 Datasheet
498Kb / 11P
   The Best Relaytion
IM00TS MACOM-IM00TS Datasheet
795Kb / 11P
   The Best Relaytion
IM07TS MACOM-IM07TS Datasheet
610Kb / 10P
   The Best Relaytion
logo
Panasonic Battery Group
TX PANASONICBATTERY-TX Datasheet
126Kb / 6P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
Panasonic Semiconductor
TX2SL-12V PANASONIC-TX2SL-12V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2-3V PANASONIC-TX2-3V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2SA-L-3V PANASONIC-TX2SA-L-3V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com