Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE-SPY31 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # EE-SPY31
Description  Accurately detects objects placed in front of shiny Background.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SPY31 Datasheet(HTML) 3 Page - Omron Electronics LLC

  EE-SPY31 Datasheet HTML 1Page - Omron Electronics LLC EE-SPY31 Datasheet HTML 2Page - Omron Electronics LLC EE-SPY31 Datasheet HTML 3Page - Omron Electronics LLC EE-SPY31 Datasheet HTML 4Page - Omron Electronics LLC EE-SPY31 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EE-SPY31/41
3
Engineering Data (Typical)
Operating Range Characteristics
EE-SPY311/411
EE-SPY311/411
EE-SPY312/412
EE-SPY312/412
Sensing Distance vs. Object Area
Characteristics
Sensing Angle vs. Sensing Distance
Characteristics
Receiver Output vs. Sensing Distance
Characteristics
EE-SPY
@@@
EE-SPY312/412
EE-SPY
@@@
7
6
5
4
3
2
1
−5 −4
−3 −2 −10
1
2
3
4
5
0
Sensing object:
White paper (15
× 15 mm2)
(reflection factor: 90%)
Operates
Distance X (mm)
Releases
X
Y
7
6
5
4
3
2
1
0
Sensing object:
White paper (15
× 15 mm2)
(reflection factor: 90%)
Releases
Operates
X
Y
−5 −4
−3 −2 −10
1
2
3
4
5
Distance X (mm)
7
6
5
4
3
2
1
0
Sensing object:
White paper (15
× 15 mm2)
(reflection factor: 90%)
Releases
Operates
X
Y
−5 −4
−3 −2 −10
1
2
3
4
5
Distance X (mm)
Sensing object:
White paper (15
× 15 mm2)
(reflection factor: 90%)
Releases
Operates
X
Y
Distance X (mm)
7
6
5
4
3
2
1
0
−5
−4
−3
−2
−10
1
2
3
4
5
500
300
200
100
80
50
30
10
10
1
2
3
5
20
50
100
Sensing object:
White paper (15
× 15 mm2)
(reflection factor: 90%)
Size (mm)
−60
−40
−20
0
20
40
60
Sensing object:
White paper (15
× 15 mm2)
(reflection factor: 90%)
−θ
120
100
80
60
40
20
0
Angle
θ (°)
0
d
Sensing object:
White paper (15
× 15 mm2)
(reflection factor: 90%)
Operating level
40
35
30
25
20
15
10
5
0
50
45
Sensing distance d (mm)
246
8
10
12


Similar Part No. - EE-SPY31

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SPY30 OMRON-EE-SPY30 Datasheet
675Kb / 7P
   Slot-type Reflective Photomicrosensor
2012.8
EE-SPY301 OMRON-EE-SPY301 Datasheet
675Kb / 7P
   Photomicrosensor with light modulation is not influenced by external light.
EE-SPY301 OMRON-EE-SPY301 Datasheet
675Kb / 7P
   Slot-type Reflective Photomicrosensor
EE-SPY301 OMRON-EE-SPY301 Datasheet
675Kb / 7P
   Slot-type Reflective Photomicrosensor
2012.8
EE-SPY302 OMRON-EE-SPY302 Datasheet
675Kb / 7P
   Photomicrosensor with light modulation is not influenced by external light.
More results

Similar Description - EE-SPY31

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D5B5013 OMRON-D5B5013 Datasheet
436Kb / 5P
   Detects Objects in Multiple Directions with High Sensitivity, Ideal for Robotics
logo
Estek Electronics Co. L...
ET-IL7021 ESTEK-ET-IL7021 Datasheet
175Kb / 2P
   Function of this IC is accurately resetting the system
logo
Littelfuse
T2200 LITTELFUSE-T2200 Datasheet
217Kb / 2P
   The T2200 detects the highest
logo
Pixart Imaging Inc.
PAJ7025R2 PIXART-PAJ7025R2 Datasheet
819Kb / 12P
   Multiple Objects Tracking Sensor Module
logo
List of Unclassifed Man...
14228 ETC2-14228 Datasheet
86Kb / 2P
   Protects Front of Outlet Connector
logo
Taoglas antenna solutio...
FXR.06.A.DG TAOGLAS-FXR.06.A.DG Datasheet
2Mb / 10P
   Can be placed directly on metal surfaces
FXR.07.A.DG TAOGLAS-FXR.07.A.DG Datasheet
6Mb / 10P
   Can be placed directly on metal surfaces
logo
Ultralife Corporation.
MRC-KT0002 ULTRALIFE-MRC-KT0002 Datasheet
285Kb / 1P
   Charge module automatically detects open or shorted cells
Rev: B
logo
Contrinex AG Industrial...
LHR-C23PA-PMS-403 CONTRINEX-LHR-C23PA-PMS-403 Datasheet
520Kb / 6P
   BACKGROUND SUPPRESSION
LHR-C23PA-TMS-301 CONTRINEX-LHR-C23PA-TMS-301 Datasheet
510Kb / 6P
   BACKGROUND SUPPRESSION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com