Electronic Components Datasheet Search |
|
EE-SPY31 Datasheet(PDF) 2 Page - Omron Electronics LLC |
|
EE-SPY31 Datasheet(HTML) 2 Page - Omron Electronics LLC |
2 / 5 page 2 EE-SPY31/41 Ratings and Specifications I/O Circuit Diagrams NPN Output Item Models EE-SPY311, EE-SPY411, EE-SPY312, EE-SPY412 Sensing distance 2 to 5 mm (Reflection factor: 90%; white paper 15 × 15 mm) Minimum sensing object Pure copper wire (0.05 mm dia.) Distance to background *1 20 mm max. (glass with aluminum deposition) *1. *2. The indicator is a GaP red LED (peak wavelength: 700 nm). *3. The response frequency was measured by detecting the following rotating disk. Differential distance 0.2 mm (with a sensing distance of 3 mm, horizontally) Light source GaAs infrared LED with a peak wavelength of 940 nm Indicator *2 Light indicator (red) Supply voltage 5 to 24 VDC ±10%, ripple (p-p): 5% max. Current consumption Average: 15 mA max., Peak: 50 mA max. Control output NPN voltage output: Load power supply voltage: 5 to 24 VDC Load current: 80 mA max. OFF current: 0.5 mA max. 80 mA load current with a residual voltage of 1.0 V max. 10 mA load current with a residual voltage of 0.4 V max. Response frequency *3 100 Hz min. Ambient illumination 3,000 lx max. with incandescent light or sunlight on the surface of the receiver Ambient temperature range Operating: −10 to +55°C Storage: −25 to +65°C Ambient humidity range Operating: 5% to 85% Storage: 5% to 95% Vibration resistance Destruction: 10 to 50 Hz, 1.5-mm double amplitude for 2 h each in X, Y, and Z directions Shock resistance Destruction: 500m/s2 for 3 times each in X, Y, and Z directions Degree of protection IEC IP50 Connecting method Special connector (soldering not possible) Weight Approx. 2.6 g Material Case Polycarbonate Holder Polybutylene phthalate (PBT) Model Output configuration Timing charts Output circuit EE-SPY411 EE-SPY412 Light-ON EE-SPY311 EE-SPY312 Dark-ON Distance to background 20 mm Sensing object Background object (glass with aluminum deposition) Disk Disk EE-SPY311/411 EE-SPY312/412 15 mm 15 mm 15 mm 200 mm dia. Incident Interrupted ON OFF ON OFF Operates Releases H L Light indicator (red) Output transistor Load 1 (relay) Load 2 Light indicator (red) 1.5 to 3 mA Load 1 Load 2 ∗ * Voltage output (when the sensor is connected to a transistor circuit) OUT lc 5 to 24VDC Main circuit Incident Interrupted ON OFF ON OFF Operates Releases H L Light indicator (red) Output transistor Load 1 (relay) Load 2 |
Similar Part No. - EE-SPY31 |
|
Similar Description - EE-SPY31 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |