Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDB7051L Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # NDB7051L
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDB7051L Datasheet(HTML) 9 Page - Fairchild Semiconductor

  NDB7051L Datasheet HTML 1Page - Fairchild Semiconductor NDB7051L Datasheet HTML 2Page - Fairchild Semiconductor NDB7051L Datasheet HTML 3Page - Fairchild Semiconductor NDB7051L Datasheet HTML 4Page - Fairchild Semiconductor NDB7051L Datasheet HTML 5Page - Fairchild Semiconductor NDB7051L Datasheet HTML 6Page - Fairchild Semiconductor NDB7051L Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 7 page
background image
TO-263AB/D2PAK Packaging
Configuration: Figure 1.0
Components
TO-263AB/D2PAK Tape Leader and Trailer
Configuration: Figure 2.0
Cover Tape
Carrier Tape
Note/Comments
Packaging Option
TO-263AB/D
2PAK Packaging Information
Standard
(no flow code)
L86Z
Packaging type
Reel Size
TNR
13" Dia
Rail/Tube
-
Qty per Reel/Tube/Bag
800
45
Box Dimension (mm)
359x359x57
530x130x83
Max qty per Box
800
1,080
Weight per unit (gm)
1.4378
1.4378
Weight per Reel
1.6050
-
Moisture Sensitive
Label
DRYPACK Bag
ESD Label
F63TNR Label
359mm x 359mm x 57mm
Standard Intermediate box
TO-263AB/D2PAK Unit Orientation
F63TNR Label sample
Static Dissipative
Embossed Carrier Tape
F63TNR
Label
Antistatic Cover Tape
ESD Label
EL ECTRO STATIC
SEN SIT IVE DEVI CES
DO NO T SHI P OR STO RE N EAR ST RO NG EL ECT ROST AT IC
EL ECT RO M AGN ETI C, M AG NET IC O R R ADIO ACT IVE FI ELD S
TNR DATE
PT NUMB ER
PEEL STREN GTH MIN ___ __ ____ __ ___gms
MAX ___ ___ ___ ___ _ gms
CAUTION
Moisture Sensitive
Label
Customized
Label
LOT: CBVK741B019
FSID: FDB6320L
D/C1: D9842
QTY1:
SPEC REV:
SPEC:
QTY: 800
D/C2:
QTY2:
CPN:
N/F: F
(F63TNR)3
Leader Tape
1520mm minimum or
95 empty pockets
Trailer Tape
400mm minimum or
25 empty pockets
Packaging Description:
TO-263/D
2PAK parts are shipped in tape. The carrier tape
is made from a dissipative (carbon filled) polycarbonate
resin. The cover tape is a multilayer film (Heat Activated
Adhesive in nature) primarily composed of polyester film,
adhesive layer, sealant, and anti-static sprayed agent.
These reeled parts in standard option are shipped with
800 units per 13" or 330cm diameter reel. The reels are
dark blue in color and is made of polystyrene plastic (anti-
static coated). This and some other options are further
described in the Packaging Information table.
These full reels are individually barcode labeled,
dry
packed, and placed inside a standard intermediate box
(illustrated in figure 1.0) made of recyclable corrugated
brown paper. One box contains one reel maximum. And
these boxes are placed inside a barcode labeled shipping
box which comes in different sizes depending on the
number of parts shipped.
TO-263AB/D2PAK Tape and Reel Data and Package
Dimensions
September 1999, Rev. B


Similar Part No. - NDB7051L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NDB7051L ISC-NDB7051L Datasheet
344Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - NDB7051L

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com