Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2E-X7D1-M1GJ Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E2E-X7D1-M1GJ
Description  A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E-X7D1-M1GJ Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E2E-X7D1-M1GJ Datasheet HTML 6Page - Omron Electronics LLC E2E-X7D1-M1GJ Datasheet HTML 7Page - Omron Electronics LLC E2E-X7D1-M1GJ Datasheet HTML 8Page - Omron Electronics LLC E2E-X7D1-M1GJ Datasheet HTML 9Page - Omron Electronics LLC E2E-X7D1-M1GJ Datasheet HTML 10Page - Omron Electronics LLC E2E-X7D1-M1GJ Datasheet HTML 11Page - Omron Electronics LLC E2E-X7D1-M1GJ Datasheet HTML 12Page - Omron Electronics LLC E2E-X7D1-M1GJ Datasheet HTML 13Page - Omron Electronics LLC E2E-X7D1-M1GJ Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
10
E2E/E2E2 Cylindrical Proximity Sensor
E2E-C
@C@/B@, E2E-X1C@/B@ DC 3-wire Models
Note 1. The response speed is an average value. Measurement conditions are as follows: standard sensing object, a distance of twice the standard
sensing object, and a set distance of half the sensing distance.
2. This OMRON in-house standard confirms resistance to cutting and other oils. It is equivalent to the former JEM standard.
Size
3 dia.
4 dia.
M5
5.4 dia.
Type
Shielded
Item
E2E-CR6C
@/B@
E2E-CR8C
@/B@
E2E-X1C
@/B@
E2E-C1C
@/B@
Sensing distance
0.6 mm
±15%
0.8 mm
±15%
1 mm
±15%
Set distance
0 to 0.4 mm
0 to 0.5 mm
0 to 0.7 mm
Differential travel
15% max. of sensing distance
Sensing object
Ferrous metal (The sensing distance decreases with non-ferrous metal, refer to Engineering Data.)
Standard sensing object
Iron: 3 x 3 x 1 mm
Iron: 5 x 5 x 1 mm
Response speed (See note.)
2 kHz
3 kHz
Power supply voltage
(operating voltage range)
12 to 24 VDC (10 to 30 VDC), ripple (p-p): 10% max.
Current consumption
10 mA max.
17 mA max.
Control output
Load current
Open-collector output
80 mA max. (at 30 VDC
max.)
Open-collector output 100 mA max. (at 30 VDC max.)
Residual
voltage
1 V max. (Load current:
80 mA, Cable length:
2m)
2 V max. (Load current: 100 mA, Cable length: 2 m)
Indicator
Operation indicator (red LED)
Operation mode (with sensing object
approaching)
C1/-B1 Models:NO
C2/-B2 Models:NC
For details, refer to Timing Charts.
Protection circuits
Power supply reverse polarity protection, surge suppressor
Ambient temperature
Operating/Storage: –25
°C to 70°C (with no icing or condensation)
Ambient humidity
Operating/Storage: 35% to 95%
Temperature influence
±15% max. of sensing distance at 23°C in the temperature range of –25°C to 70°C
Voltage influence
±5% max. of sensing
distance in the rated
voltage range
±10%
±2.5% max. of sensing distance in the rated voltage range ±15%
Insulation resistance
50 M
Ω min. (at 500 VDC) between current-carrying parts and case
Dielectric strength
500 VAC at 50/60 Hz for 1 min between current-carrying parts and case
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
500 m/s2 10 times each in X, Y, and Z directions
Degree of protection
IEC 60529 IP66
IEC 60529 IP67 (Pre-wired models: in-house standard for oil resistance (former
JEM standard equivalent to IP67g)) (See note 2.)
Connection method
Pre-wired models
(Standard length 2 m)
Pre-wired models (Standard length 2 m), connector models
Weight
(packed state)
Pre-wired
models
Approx. 60 g
Connector
models
---
Approx. 12 g
Approx. 15 g
---
Material
Case
Stainless steel (SUS303)
Brass-nickel plated
Sensing surface Heat-resistant ABS
Clamping nuts
---
Brass-nickel plated
Toothed washer ---
Iron-zinc plated
Accessories
Instruction manual


Similar Part No. - E2E-X7D1-M1GJ

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X7D1-M1GJ OMRON-E2E-X7D1-M1GJ Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E-X7D1-M1GJ OMRON-E2E-X7D1-M1GJ Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2E-X7D1-M1GJ OMRON-E2E-X7D1-M1GJ Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E-X7D1-M1GJ OMRON-E2E-X7D1-M1GJ Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2E-X7D1-M1GJ OMRON-E2E-X7D1-M1GJ Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
More results

Similar Description - E2E-X7D1-M1GJ

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X1B1 OMRON-E2E-X1B1 Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E-X5ME2-M1 OMRON-E2E-X5ME2-M1 Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E-X10ME1-M1 OMRON-E2E-X10ME1-M1 Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E2-X2C1-M1 OMRON-E2E2-X2C1-M1 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor E2E/E2E2
G3PB-2N OMRON-G3PB-2N Datasheet
1Mb / 10P
   Space and working time saved with new heatsink construction. Series now includes480-VAC models to allow use in a greaterrange of applications.
G3NA-210B-DC5-24 OMRON-G3NA-210B-DC5-24 Datasheet
1Mb / 18P
   New Models with 75-A and 90-A Output Join the Previous Models with 5- to 50-A Output.
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
GPES220B2 GENERALPLUS-GPES220B2 Datasheet
427Kb / 14P
   Easy-to-use SOUNDPLUS
GPES230B2 GENERALPLUS-GPES230B2 Datasheet
719Kb / 15P
   Easy-to-use SOUNDPLUS
GPES203B GENERALPLUS-GPES203B Datasheet
250Kb / 12P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com