Electronic Components Datasheet Search |
|
E2E-X3D1-M1J-T Datasheet(PDF) 3 Page - Omron Electronics LLC |
|
E2E-X3D1-M1J-T Datasheet(HTML) 3 Page - Omron Electronics LLC |
3 / 48 page E2E/E2E2 Cylindrical Proximity Sensor 3 DC 3-wire/Pre-wired Models Note 1. Cables with a length of 5 m are also available. Specify the cable length at the end of the model number (e.g., E2E-X2E1 5M). 2. Models with a robotics cable are also available. These models are E2E-X @E1-R (e.g., E2E-X5E1-R). 3. Models with a different frequency are also available. These models are E2E-X @E@5 (e.g., E2E-X5E15). 4. These models have e-CON connectors (0.3 m cable length), which is indicated by the suffix “-ECON” (e.g., E2E-X2E1- ECON). AC 2-wire/Pre-wired Models Note 1. Models with a different frequency are also available. These models are E2E-X @Y@5 (e.g., E2E-X5Y15). 2. Cables with a length of 5 m are also available. Specify the cable length at the end of the model number (e.g., E2E-X2Y1 5M). Size Sensing distance Output configuration Model Shielded 3 dia. 0.6 mm NPN NO E2E-CR6C1 NPN NC E2E-CR6C2 PNP NO E2E-CR6B1 PNP NC E2E-CR6B2 4 dia. 0.8 mm NPN NO E2E-CR8C1 (See notes 1 and 2.) NPN NC E2E-CR8C2 PNP NO E2E-CR8B1 PNP NC E2E-CR8B2 M5 1 mm NPN NO E2E-X1C1 (See notes 1 and 2.) NPN NC E2E-X1C2 PNP NO E2E-X1B1 PNP NC E2E-X1B2 5.4 dia. 1 mm NPN NO E2E-C1C1 (See notes 1 and 2.) NPN NC E2E-C1C2 PNP NO E2E-C1B1 PNP NC E2E-C1B2 M8 1.5 mm NPN NO E2E-X1R5E1 (See notes 1 and 2.) NPN NC E2E-X1R5E2 PNP NO E2E-X1R5F1 PNP NC E2E-X1R5F2 M12 2 mm NPN NO E2E-X2E1 (See notes 1, 2, 3, and 4.) NPN NC E2E-X2E2 (See notes 3 and 4.) PNP NO E2E-X2F1 PNP NC E2E-X2F2 M18 5 mm NPN NO E2E-X5E1 (See notes 1, 2, 3, and 4.) NPN NC E2E-X5E2 (See notes 3 and 4.) PNP NO E2E-X5F1 PNP NC E2E-X5F2 M30 10 mm NPN NO E2E-X10E1 (See notes 1, 2, 3, and 4.) NPN NC E2E-X10E2 (See notes 3 and 4.) PNP NO E2E-X10F1 PNP NC E2E-X10F2 Un- shielded M8 2 mm NPN NO E2E-X2ME1 (See note 2.) NPN NC E2E-X2ME2 PNP NO E2E-X2MF1 PNP NC E2E-X2MF2 M12 5 mm NPN NO E2E-X5ME1 (See notes 1, 2, 3, and 4.) NPN NC E2E-X5ME2 (See notes 3 and 4.) PNP NO E2E-X5MF1 PNP NC E2E-X5MF2 M18 10 mm NPN NO E2E-X10ME1 (See notes 1, 2, 3, and 4.) NPN NC E2E-X10ME2 (See notes 3 and 4.) PNP NO E2E-X10MF1 PNP NC E2E-X10MF2 M30 18 mm NPN NO E2E-X18ME1 (See notes 1, 2, 3, and 4.) NPN NC E2E-X18ME2 (See notes 3 and 4.) PNP NO E2E-X18MF1 PNP NC E2E-X18MF2 Size Sensing distance Operation mode Model Shielded M8 1.5 mm NO E2E-X1R5Y1 NC E2E-X1R5Y2 M12 2 mm NO E2E-X2Y1 (See notes 1 and 2.) NC E2E-X2Y2 M18 5 mm NO E2E-X5Y1 (See notes 1 and 2.) NC E2E-X5Y2 M30 10 mm NO E2E-X10Y1 (See notes 1 and 2.) NC E2E-X10Y2 Un- shielded M8 2 mm NO E2E-X2MY1 NC E2E-X2MY2 M12 5 mm NO E2E-X5MY1 (See notes 1 and 2.) NC E2E-X5MY2 M18 10 mm NO E2E-X10MY1 (See note 1.) NC E2E-X10MY2 M30 18 mm NO E2E-X18MY1 (See note 1.) NC E2E-X18MY2 Size Sensing distance Output configuration Model |
Similar Part No. - E2E-X3D1-M1J-T |
|
Similar Description - E2E-X3D1-M1J-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |