Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDP7051 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # NDP7051
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDP7051 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  NDP7051 Datasheet HTML 1Page - Fairchild Semiconductor NDP7051 Datasheet HTML 2Page - Fairchild Semiconductor NDP7051 Datasheet HTML 3Page - Fairchild Semiconductor NDP7051 Datasheet HTML 4Page - Fairchild Semiconductor NDP7051 Datasheet HTML 5Page - Fairchild Semiconductor NDP7051 Datasheet HTML 6Page - Fairchild Semiconductor NDP7051 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NDP7051 Rev. D
0
10
20
30
40
50
0
10
20
30
40
50
I
, DRAIN CURRENT (A)
T = -55°C
J
25°C
D
V
= 10V
DS
125°C
Figure 13. Transconductance Variation with Drain
Current and Temperature.
Figure 14. Maximum Safe Operating Area.
Figure 15. Transient Thermal Response Curve.
Typical Electrical Characteristics (continued)
0.01
0.05
0.1
0.5
1
5
10
50
100
1000
10000
0.01
0.02
0.03
0.05
0.1
0.2
0.3
0.5
1
t ,TIME (ms)
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
1
Duty Cycle, D = t / t
1
2
R
(t) = r(t) * R
R
= 1.15 °C/W
θJC
θJC
θJC
T - T
= P * R
(t)
C
J
P(pk)
t1
t2
θJC
1
2
3
5
10
20
50
80
0.5
1
2
5
10
20
50
100
200
300
V
, DRAIN-SOURCE VOLTAGE (V)
DS
10ms
DC
R
Limit
DS(ON)
50ms
1ms
100us
10us
500us
V
= 10V
SINGLE PULSE
R
= 1.15 C/W
T
= 25°C
GS
C
o
θJC


Similar Part No. - NDP7051

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NDP7051 ISC-NDP7051 Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
NDP7051L FAIRCHILD-NDP7051L Datasheet
360Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Inchange Semiconductor ...
NDP7051L ISC-NDP7051L Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - NDP7051

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com